Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1563-2IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1563-2IGN
Description  Active RC, 4th Order Lowpass Filter Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-2IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1563-2IGN Datasheet HTML 1Page - Linear Technology LTC1563-2IGN Datasheet HTML 2Page - Linear Technology LTC1563-2IGN Datasheet HTML 3Page - Linear Technology LTC1563-2IGN Datasheet HTML 4Page - Linear Technology LTC1563-2IGN Datasheet HTML 5Page - Linear Technology LTC1563-2IGN Datasheet HTML 6Page - Linear Technology LTC1563-2IGN Datasheet HTML 7Page - Linear Technology LTC1563-2IGN Datasheet HTML 8Page - Linear Technology LTC1563-2IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1563-2/LTC1563-3
156323fa
■ Extremely Easy to Use—A Single Resistor Value
Sets the Cutoff Frequency (256Hz < fC < 256kHz)
■ Extremely Flexible—Different Resistor Values
Allow Arbitrary Transfer Functions with or without
Gain (256Hz < fC < 256kHz)
■ Supports Cutoff Frequencies Up to 360kHz Using
FilterCAD
TM
■ LTC1563-2: Unity-Gain Butterworth Response Uses a
Single Resistor Value, Different Resistor Values
Allow Other Responses with or without Gain
■ LTC1563-3: Unity-Gain Bessel Response Uses a
Single Resistor Value, Different Resistor Values
Allow Other Responses with or without Gain
■ Rail-to-Rail Input and Output Voltages
■ Operates from a Single 3V (2.7V Min) to
±5V Supply
■ Low Noise: 36
µVRMS for fC = 25.6kHz, 60µVRMS for
fC = 256kHz
■ fC Accuracy < ±2% (Typ)
■ DC Offset < 1mV
■ Cascadable to Form 8th Order Lowpass Filters
■ Available in Narrow SSOP-16 Package
The LTC
®1563-2/LTC1563-3 are a family of extremely
easy-to-use, active RC lowpass filters with rail-to-rail
inputs and outputs and low DC offset suitable for systems
with a resolution of up to 16 bits. The LTC1563-2, with a
single resistor value, gives a unity-gain Butterworth
response. The LTC1563-3, with a single resistor value,
gives a unity-gain Bessel response. The proprietary
architecture of these parts allows for a simple resistor
calculation:
R = 10k (256kHz/fC); fC = Cutoff Frequency
where fC is the desired cutoff frequency. For many appli-
cations, this formula is all that is needed to design a filter.
By simply utilizing different valued resistors, gain and
other responses are achieved.
The LTC1563-X features a low power mode, for the lower
frequency applications, where the supply current is re-
duced by an order of magnitude and a near zero power
shutdown mode.
The LTC1563-Xs are available in the narrow SSOP-16
package (Same footprint as an SO-8 package).
■ Discrete RC Active Filter Replacement
■ Antialiasing Filters
■ Smoothing or Reconstruction Filters
■ Linear Phase Filtering for Data Communication
■ Phase Locked Loops
Single 3.3V, 256Hz to 256kHz Butterworth Lowpass Filter
Active RC, 4th Order
Lowpass Filter Family
, LTC and LT are registered trademarks of Linear Technology Corporation.
0.1
µF
3.3V
VOUT
VIN
R
R
R
R
R
R
fC = 256kHz
1563 TA01
LTC1563-2
0.1
µF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LP
SA
NC
INVA
NC
LPA
AGND
V–
V+
LPB
NC
INVB
NC
SB
NC
EN
10k
R
()
FREQUENCY (Hz)
10k
1k
100
10
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
1563 TA02
R = 10M
fC = 256Hz
R = 10k
fC = 256kHz
Frequency Response
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
FilterCAD is trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1563-2IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-2IGN LINER-LTC1563-2IGN Datasheet
146Kb / 12P
Active RC, 4th Order Lowpass Filter Family
More results

Similar Description - LTC1563-2IGN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF90 NSC-LMF90 Datasheet
411Kb / 22P
4th-Order Elliptic Notch Filter
MF4 NSC-MF4 Datasheet
466Kb / 14P
MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Linear Technology
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
5th Order Lowpass Filter
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
Active RC, 4th Order Lowpass Filter Family
LTC1062 LINER-LTC1062_09 Datasheet
191Kb / 16P
5th Order Lowpass Filter
logo
KR Electronics, Inc.
2195 KR-2195 Datasheet
31Kb / 1P
Active Lowpass Filter
2364 KR-2364 Datasheet
23Kb / 1P
Active Lowpass Filter
logo
Linear Technology
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
5th Order Lowpass Filter
LTC1563-2 LINER-LTC1563-2_15 Datasheet
317Kb / 20P
Active RC, 4th Order Lowpass Filter Family
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
Active RC, 4th Order Lowpass Filter Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com