Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1589IG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1589IG
Description  12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1589IG Datasheet(HTML) 2 Page - Linear Technology

  LTC1589IG Datasheet HTML 1Page - Linear Technology LTC1589IG Datasheet HTML 2Page - Linear Technology LTC1589IG Datasheet HTML 3Page - Linear Technology LTC1589IG Datasheet HTML 4Page - Linear Technology LTC1589IG Datasheet HTML 5Page - Linear Technology LTC1589IG Datasheet HTML 6Page - Linear Technology LTC1589IG Datasheet HTML 7Page - Linear Technology LTC1589IG Datasheet HTML 8Page - Linear Technology LTC1589IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1588/LTC1589/LTC1592
1588992fa
TJMAX = 150°C, θJA = 125°C/ W
ORDER PART
NUMBER
(Note 1)
VCC to AGND, GND ......................................– 0.3V to 7V
AGND to GND .............................. – 0.3V to (VCC + 0.3V)
GND to AGND .............................. – 0.3V to (VCC + 0.3V)
RCOM to AGND, GND ................................ – 0.3V to 12V
REF to AGND, GND ................................................
±15V
ROFS, RFB, R1, R2 to AGND, GND .......................... ±15V
Digital Inputs to AGND, GND ....... – 0.3V to (VCC + 0.3V)
IOUT1, IOUT2 to AGND, GND .......... – 0.3V to (VCC + 0.3V)
Maximum Junction Temperature .......................... 150
°C
Operating Temperature Range
LTC1588C/LTC1589C/LTC1592C ........... 0
°C to 70°C
LTC1588I/LTC1589I/LTC1592I ........... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LTC1588CG
LTC1588IG
LTC1589CG
LTC1589IG
LTC1592ACG
LTC1592AIG
LTC1592BCG
LTC1592BIG
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = TMIN to TMAX,
VCC = 5V, VREF = 5V, IOUT2 = AGND = GND = 0V.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
1
2
3
4
5
6
7
8
TOP VIEW
G PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
R2
REF
CLR
CS/LD
SCK
SDI
SDO
VCC
RCOM
R1
ROFS
RFB
IOUT1
IOUT2
AGND
GND
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
LTC1588
LTC1589
LTC1592B
LTC1592A
SYMBOL PARAMETER
CONDITIONS
TEMPERATURE
MIN TYP MAX
MIN TYP MAX
MIN TYP MAX
MIN TYP MAX
UNITS
Accuracy
Resolution
q
12
14
16
16
Bits
INL
Integral
(Notes 2, 3)
TA = 25°C
±1
±1
±2
±0.3 ±1LSB
Nonlinearity
TMIN to TMAX
q
±1
±1
±2
±0.4 ±1LSB
DNL
Differential
Guaranteed
TMIN to TMAX
q
±1
±1
±1
±0.2 ±1LSB
Nonlinearity
Monotonic (Note 3)
GE
Gain Error
All Output Ranges
TA = 25°C
–0.20
±3
–1.0
±4–3 ±16
–2
±16
LSB
(Note 3)
TMIN to TMAX
q
–0.22
±3
–1.3
±6–4 ±24
–3
±16
LSB
BZE
Bipolar Zero Error All Bipolar Ranges
TA = 25°C
±1
±2.5
±10
±5LSB
(Note 3)
TMIN to TMAX
q
±1
±4.0
±16
±8LSB
Gain Temperature
∆Gain/∆Temperature
q
3
3
3
1
3
ppm/
°C
Coefficient
(Note 4)
ILKG
IOUT1 Leakage
(Note 5)
TA = 25°C
±5
±5
±5
±5nA
Current
TMIN to TMAX
q
±15
±15
±15
±15
nA
PSRR
Power Supply
VCC = 5V ±10%
q
±0.01±0.15
±0.05 ±0.5
±2
±0.2 ±2
LSB/V
Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com