Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1646
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1646 Datasheet HTML 9Page - Linear Technology LTC1646 Datasheet HTML 10Page - Linear Technology LTC1646 Datasheet HTML 11Page - Linear Technology LTC1646 Datasheet HTML 12Page - Linear Technology LTC1646 Datasheet HTML 13Page - Linear Technology LTC1646 Datasheet HTML 14Page - Linear Technology LTC1646 Datasheet HTML 15Page - Linear Technology LTC1646 Datasheet HTML 16Page - Linear Technology LTC1646 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC1646
13
1646fa
APPLICATIO S I FOR ATIO
5VIN (Pin 12) and 5VSENSE (Pin 11) for the 5V supply. For
the 3.3V supply, a sense resistor is connected between
3VIN (Pin 8) and 3VSENSE (Pin 9). The current limit and the
current foldback current level are given by Equations 4
and 5:
I
mV
R
I
mV
R
LIMIT XVOUT
SENSE XVOUT
FOLDBACK XVOUT
SENSE XVOUT
()
()
()
()
=
=
55
20
(5)
where XVOUT = 5VOUT or 3VOUT.
As a design aid, the current limit and foldback level for
commonly used values for RSENSE is shown in Table 3.
Table 3. ILIMIT(XVOUT) and IFOLDBACK(XVOUT) vs RSENSE
RSENSE (Ω)ILIMIT(XVOUT)
IFOLDBACK(XVOUT)
0.005
11A
4A
0.006
9.2A
3.3A
0.007
7.9A
2.9A
0.008
6.9A
2.5A
0.009
6.1A
2.2A
0.01
5.5A
2A
where XVOUT = 3VOUT or 5VOUT.
5VIN –5VSENSE
100mV/DIV
GATE
10V/DIV
FAULT
5V/DIV
5
µs/DIV
1646 F06
(4)
Figure 6. Short-Circuit Fault on 5V
4
3
2
1
+
–
5VIN
5VIN
RSENSE
5VSENSE
VCB
VCB(MAX) = 65mV
VCB(NOM) = 56mV
VCB(MIN) = 50mV
12
11
ILOAD(MAX)
LTC1646*
*ADDITIONAL DETAILS
OMITTED FOR CLARITY
1646 F07
–
+
Figure 7. Circuit Breaker Equivalent
Circuit for Calculating RSENSE
Calculating RSENSE
An equivalent circuit for one of the LTC1646’s circuit
breakers useful in calculating the value of the sense
resistor is shown in Figure 7. To determine the most
appropriate value for the sense resistor first requires the
maximum current required by the load under worst-case
conditions.
Two other parameters affect the value of the sense resis-
tor. First is the tolerance of the LTC1646’s circuit breaker
threshold. The LTC1646’s nominal circuit breaker
threshold is VCB(NOM) = 56mV; however, it exhibits a
–6mV/+9mV tolerance due to process variations. Second
is the tolerance (RTOL) in the sense resistor. Sense
resistors are available in RTOLs of
±1%, ±2% and ±5%
and exhibit temperature coefficients of resistance (TCRs)
between
±75ppm/°C and ±100ppm/°C. How the sense
resistor changes as a function of temperature depends on
the I2R power being dissipated by it.
The first step in calculating the value of RSENSE is based on
ITRIP(MAX) and the lower limit for the circuit breaker
threshold, VCB(MIN). The maximum value for RSENSE in this
case is expressed by Equation 6:
R
V
I
SENSE MAX
CB MIN
TRIP MAX
()
()
()
=
(6)
The second step is to determine the nominal value of the
sense resistor which is dependent on its tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com