Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUGSERIES Datasheet(PDF) 1 Page - Emerson Network Power

Part # AUGSERIES
Description  15w Ultra Low Profile - 4.3mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AUGSERIES Datasheet(HTML) 1 Page - Emerson Network Power

  AUGSERIES Datasheet HTML 1Page - Emerson Network Power AUGSERIES Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AUG Series
15 Watts
Special Features
• Ultra Low Profile - 4.3mm
• Efficiency - 89% @ 5V
• -40°C to +85°C Operating
temperature(Ambient)
• Open Frame SMT
• Low output ripple and noise
• Regulation to zero load
• CISPR22, Class A for Conduct
and Radiated EMI
• Parallel Application
• Pb-free reflow compatible
and ROHS compliant
Total Power:
10 Watts
Input Voltage: 36V - 75V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
36 - 60 VDC
60 - 75VDC (forced air 1.0m/s)
Efficiency
89% @ 5Vo
Output
Line / Load Regulation
+5%, -3%
Noise / Ripple
50mV p-p
OVP
120% of Vonom (latch-up)
OCP
3.1A for 5V
4.65A for 1.8V - 3.3V
5.4A for 1.2V
LVP
90% of Vonom (latch-up)
Isolation
1500VDC
Control
Enable
ON: RC pin connected to -Vin or open
OFF: RC pin connected to +Vin
UL
60950
CE
CE Mark
Rev. 09.20.05
AUG Series
1of 2
Ambient Operating temperature
-40°C to +85°C (forced air 0.2m/s)
Storage temperature
-45°C to +90°C
Environmental Specifications


Similar Part No. - AUGSERIES

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AUG EMERSON-NETWORKPOWER-AUG Datasheet
91Kb / 2P
20w Ultra Low Profile - 4.8mm
logo
Astec America, Inc
AUG03A48 ASTEC-AUG03A48 Datasheet
90Kb / 2P
15 Watts Embedded Power
AUG03A48 ASTEC-AUG03A48 Datasheet
312Kb / 15P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG04A48 ASTEC-AUG04A48 Datasheet
91Kb / 2P
20 Watts Embedded Power
AUG04A48 ASTEC-AUG04A48 Datasheet
326Kb / 15P
Ultra Low Profile DC- DC Module (Pb-free reflow compatible and ROHS Compliant)
More results

Similar Description - AUGSERIES

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AUD EMERSON-NETWORKPOWER-AUD Datasheet
87Kb / 2P
Ultra Low Profile - 4.3mm
logo
PREMO CORPORATION S.L
TNC-15-6 PREMO-TNC-15-6 Datasheet
227Kb / 3P
50/60 Hz Low Profile UL Approved Transformers 15W-42W
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
Ultra Low Profile
logo
Anaren Microwave
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
Ultra Low Profile 0805
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
Ultra Low Profile 0805
DC1722J5005AHF ANAREN-DC1722J5005AHF Datasheet
184Kb / 6P
Ultra Low Profile 0805
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
Ultra Low Profile 0805
DC3338J5005AHF ANAREN-DC3338J5005AHF Datasheet
178Kb / 6P
Ultra Low Profile 0805
logo
Golledge Electronics Lt...
GSX49-4 GOLLEDGE-GSX49-4 Datasheet
588Kb / 5P
4.3mm Low Profile SM Crystal
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
Ultra-low ESR, Low Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com