Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUM Datasheet(PDF) 2 Page - Emerson Network Power

Part # AUM
Description  10w Ultra Low Profile - 7.7mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AUM Datasheet(HTML) 2 Page - Emerson Network Power

  AUM Datasheet HTML 1Page - Emerson Network Power AUM Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2005 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Pin Assignment
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
Ordering Information
Input Voltage
Output Voltage Efficiency Model Number
48V
1.5V @ 3A
78% (Typ)
AUM03M48
48V
1.8V @ 3A
80% (Typ)
AUM03Y48
48V
2.5V @ 3A
84% (Typ)
AUM03G48
48V
3.3V @ 3A
86% (Typ)
AUM03F48
48V
5.0V @ 2A
88% (Typ)
AUM02A48
Rev. 09.23.05
AUM Series
2of 2
ALM
Suffix
<TOP VIEW>
-Vin
PO
RC
+Vout
-Vout
2
35.3+-0.2
A B C D
37.7+-0.4
Coplanarity Max0.1mm
0 to 10 deg.
Enlarged Lead Pin
0.5+-0.1
1.2+-0.2
+Vin
1
2
3
5
6
7
8
16
15
10
9
Marking of No.1 pin
Pin Assignments
Pin No
Symbol
Function
Pin No
Symbol
Function
1, 2
+Vin
+Input
9, 10
ALM
Alarm Output
3
-Vin
- Input
15
RC
Remote control on/off
5, 6
+Vout
+Output
16
PO
Parallel operation
7, 8
-Vout
-Output-
Note: Astec reserves the right to make changes to the information contained herein without notice and assumes no liability of its
use and application.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com