Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVC Datasheet(PDF) 2 Page - Emerson Network Power

Part # AVC
Description  20w Ultra Low Profile - 6.0mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AVC Datasheet(HTML) 2 Page - Emerson Network Power

  AVC Datasheet HTML 1Page - Emerson Network Power AVC Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2005 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Pin Assignment
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
Ordering Information
Input Voltage Output Voltage Efficiency
Model Number
3.3V
1.0V @ 6A
84% (Typ)
AVC06S04
3.3V
1.2V @ 6A
87% (Typ)
AVC06K04
3.3V
1.5V @ 6A
89% (Typ)
AVC06M04
3.3V
1.8V @ 6A
90% (Typ)
AVC06Y04
3.3V
2.0V @ 6A
92% (Typ)
AVC06D04
3.3V
2.5V @ 6A
93% (Typ)
AVC06G04
5.0V
1.0V @ 6A
82% (Typ)
AVC06S05
5.0V
1.2V @ 6A
84% (Typ)
AVC06K05
5.0V
1.5V @ 6A
86% (Typ)
AVC06M05
5.0V
1.8V @ 6A
88% (Typ)
AVC06Y05
5.0V
2.0V @ 6A
89% (Typ)
AVC06D05
5.0V
2.5V @ 6A
91% (Typ)
AVC06G05
5.0V
3.3V @ 6A
93% (Typ)
AVC06F05
Rev. 09.21.05
AVC Series
2of 2
1.3 +/- 0.3
33.8 +/- 0.6
(31.2)
P
6
1
12
7
Lot No.
Voltage marking
Part No. marking
INPUT=
VDC
OUTPUT=
V 6A
a
b
c
0~10deg.
0.1mm max.
Pin Assignments
Pin No Symbol
Pin No Symbol
1
On/Off
7
Gnd
2
Vin
8
Gnd
3
Vin
9
Vout
4
Vin
10
Vout
5
Gnd
11
Vout
6
Gnd
12
Adjust
Note: Astec reserves the right to
make changes to the information
contained herein without notice and
assumes no liability of its use and
application.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com