Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1649CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1649CS
Description  3.3V Input High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1649CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1649CS Datasheet HTML 1Page - Linear Technology LTC1649CS Datasheet HTML 2Page - Linear Technology LTC1649CS Datasheet HTML 3Page - Linear Technology LTC1649CS Datasheet HTML 4Page - Linear Technology LTC1649CS Datasheet HTML 5Page - Linear Technology LTC1649CS Datasheet HTML 6Page - Linear Technology LTC1649CS Datasheet HTML 7Page - Linear Technology LTC1649CS Datasheet HTML 8Page - Linear Technology LTC1649CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1649
BLOCK DIAGRA
–
+
–
+
ILIM
FB
MIN
PWM
MAX
+
40mV
+
1.26V
12
µA
40mV
12
µA
PVCC1
CPOUT
C+
SHDN
COMP
SS
IMAX
VCC
PVCC2
G1
G2
IFB
FB
1649 BD
INTERNAL
SHUTDOWN
50
µs
DELAY
VIN
CHARGE
PUMP
C–
TEST CIRCUIT
Figure 1
VCC
VOUT
2.5V
IMAX
SHDN
1
µF
G2
FB
VIN
VIN
3.3V
C+
LTC1649
PVCC2
PVCC1
G1
IFB
COMP
SS
C–
GND
CPOUT
1
µF
10
µF
MBR0530
0.1
µF
CC
0.01
µF
RC
7.5k
LEXT
1.2
µH
C1
220pF
10
µF
MBR0530
RIMAX
50k
22
Ω
1k
Q3
IRF7801
Q1, Q2
IRF7801
TWO IN
PARALLEL
COUT
4400
µF
CIN
3300
µF
SHDN
R2
12.7k
R1
12.4k
1649 TA03
+
0.33
µF
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com