Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA10 Datasheet(PDF) 3 Page - Emerson Network Power

Part # CXA10
Description  4:1 input voltage range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

CXA10 Datasheet(HTML) 3 Page - Emerson Network Power

  CXA10 Datasheet HTML 1Page - Emerson Network Power CXA10 Datasheet HTML 2Page - Emerson Network Power CXA10 Datasheet HTML 3Page - Emerson Network Power CXA10 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.12.04.07
cxa10
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
INPUT
OUTPUT
OVERVOLTAGE
OUTPUT
TYPICAL
MODEL
VOLTAGE
VOLTAGE
PROTECTION (3,4)
CURRENT (MAX.)(9)
EFFICIENCY
NUMBER(7,12,13)
18-75 Vdc
3.3 V
3.9 V
2.4 A
78%
CXA10-48S3V3J
18-75 Vdc
5 V
6.8 V
2 A
81%
CXA10-48S05J
18-75 Vdc
12 V
16 V
0.83 A
83%
CXA10-48S12J
18-75 Vdc
±5 V
±6.8 V
1 A
81%
CXA10-48D05J
18-75 Vdc
±12 V
±16 V
0.41 A
83%
CXA10-48D12J
18-75 Vdc
±15 V
±19 V
0.33 A
81%
CXA10-48D15J
Notes
1
Negative output voltage deviation when positive load is changed.
2
Guaranteed minimum output voltage range.
3
TVS spec: See Application Note 100 on our web site.
4
On dual output models, OVP protection is on negative outputs only.
5
With respect to minimum input voltage.
6
With one external ITW Paktron 4.7 μF film capacitor across the input.
7
For units with optional remote ON/OFF, please add the suffix ‘-S’ to the model
number, e.g. CXA10-48S05-SJ. Additional alphanumeric suffixes maybe
added to indicate minor modifications not affecting the safety approvals.
8
Unit provides basic insulation up to the 75 Vdc maximum input voltage.
9
Maximum continuous output power not to exceed 10 Watts. 7.9 Watts for
the 3V3 model.
10 User must provide 1.5 A in line fuse in order to comply with safety approvals.
11 Maximum temperature on components Q100, CR101, CR102 not to exceed
120
°C. See Application Note 100 for details.
12 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE
RoHS 5/6 (non Pb-free) compliant versions may be available on special request,
please contact your local sales representative for details.
13 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
DERATING CURVE
(Output Power %)
AMBIENT TEMPERATURE (
°C)
Figure 1: Natural Convection (0.1m/s) Typical derating - See Application Note 100
100%
75%
50%
25%
0%
0
°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C 80°C 90°C 100°C
27.5%
-40
°C -30°C -20°C -10°C
0.400
(10.16)
0.200
(5.08)
0.300
(7.62)
Ø0.040
±0.002
Dia. (Ø1.02
±0.05)
0.020
(0.50)
0.100
(2.54)
34
5
6
2
1
0.142 (3.60)
±0.012 (0.3)
±0.020 (0.5)
2.000
(50.80)
0.800
(20.32)
0.600
(15.24)
1.000 (25.40)
± 0.020 (0.5)
0.394
(10.00)
Max.
HEIGHT
ALL DIMENSIONS IN INCHES (mm)
Tolerance on all dimensions of
± 0.005 (0.127)
Unless otherwise specified
±0.012 (0.3)
0.536 (13.60)
0.400
(10.16)
0.400
(10.16)
OPEN-
FRAME
PIN CONNECTIONS
PIN NUMBER
SINGLE OUTPUT
DUAL OUTPUT
1
+ Input
+ Input
2
– Input
- Input
6 *
Remote ON/OFF
Remote ON/OFF
3
+ Output
+ Output
4
No Pin
Common
5
- Output
- Output
* Optional remote ON/OFF pin. Please add the suffix ‘-S’ to the model
number, e.g. CXA10-48S05-SJ (See Note 7).
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com