Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA4-050EU Datasheet(PDF) 1 Page - Emerson Network Power

Part # DA4-050EU
Description  Switching wallmount power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DA4-050EU Datasheet(HTML) 1 Page - Emerson Network Power

  DA4-050EU Datasheet HTML 1Page - Emerson Network Power DA4-050EU Datasheet HTML 2Page - Emerson Network Power DA4-050EU Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 10.01.08_124
DA4 Series
1 of 3
Embedded Power for
Business-Critical Continuity
DA4 Series
4 Watts
Special Features
•Switchingwallmount
power supply
•AvailableinmultipleACplug
configurations
•CEMarkEMC&LVD
•UniversalACinput
•Regulatedoutput
•Overloadandshortcircuit
protection
•Constantvoltage,constant
current
•HighMTBF
•BuiltinEMIfilter(CISPR22
Class B)
•LEDpowergoodindicator
Total Power:
4 Watts
Input Voltage:
90-264VAC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange
90-264VAC(widerange)
Frequency
47-63Hz
EMI/RFI
FCCPart15,SubpartBClassB&EN55022
(CISPR22)ClassB&EMC89/336/EEC
Safetyground
leakagecurrent
100 µA@50/60Hz,230VACinput
Output
Voltage(Vo)
5.5V(5.0V-6.0V)
MaximumPower(Po)
4W
Hold-uptime
15ms.typicalatfullload@115VAC
Overvoltageprotection
25%abovenominaloutputmaximum
Latchingtype
Overloadprotection
Outputshortcircuitprotectionautorecover
Overloadprotected>800mA
Outputcable/
connector barrel polarity
DCcablewith2.5mmx5.5mmbarrelplug
DCplugcenter+V;DCplugouter-V
Reversepolarity
-0001suffix
DCplugcenter-V;DCplugouter+V
Operatingtemperature:
0° to 50°C ambient
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN55082-1
Humidity:
Operating;non-condensing20%to90%RH
Vibration:
PerIEC60068-2-6
EnvironmentalSpecifications
UL
60950/6500
CSA
60950
TUV
60950
NEMKO 60950
CB
Certificate and report
CE
EMC&LVD
CCC
Mark
DA4-050CH
DA4-050US
DA4-050EU
RoHS


Similar Part No. - DA4-050EU

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DA4-050EU ASTEC-DA4-050EU Datasheet
128Kb / 3P
4 Watts
logo
Emerson Network Power
DA4-050EU EMERSON-NETWORKPOWER-DA4-050EU Datasheet
511Kb / 3P
DA4 Series 4 Watts
More results

Similar Description - DA4-050EU

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU12A ASTRODYNE-MPU12A Datasheet
481Kb / 3P
12W Medical Grade Wallmount Switching Power Adapters
SPU12A ASTRODYNE-SPU12A Datasheet
547Kb / 3P
10-15 Watt Wallmount Switching Power Supplies
logo
Emerson Network Power
DA16 EMERSON-NETWORKPOWER-DA16 Datasheet
673Kb / 3P
Switching wallmount power supply
DCH3 EMERSON-NETWORKPOWER-DCH3 Datasheet
341Kb / 3P
Switching wallmount power supply
DA4US EMERSON-NETWORKPOWER-DA4US Datasheet
453Kb / 2P
Switching wallmount power supply 3 - 8 Watts
DCH2 EMERSON-NETWORKPOWER-DCH2 Datasheet
839Kb / 3P
Switching wallmount power supply 2 Watts
logo
Advantech Co., Ltd.
IPC-6806 ADVANTECH-IPC-6806 Datasheet
640Kb / 2P
6-Slot Desktop/Wallmount Chassis with 1U Power Supply
logo
Emerson Network Power
DCH3 EMERSON-NETWORKPOWER-DCH3_08 Datasheet
1Mb / 4P
Switching wallmount power supply
logo
Astrodyne Corporation
AMP1201 ASTRODYNE-AMP1201 Datasheet
491Kb / 3P
12W Medical Grade Wallmount Switching Power Adapters
logo
Artesyn Technologies
DCH2 ARTESYN-DCH2 Datasheet
715Kb / 3P
Switching wallmount power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com