Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1659 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1659
Description  12-Bit Rail-to-Rail Micropower DAC in MSOP Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1659 Datasheet(HTML) 2 Page - Linear Technology

  LTC1659_1 Datasheet HTML 1Page - Linear Technology LTC1659_1 Datasheet HTML 2Page - Linear Technology LTC1659_1 Datasheet HTML 3Page - Linear Technology LTC1659_1 Datasheet HTML 4Page - Linear Technology LTC1659_1 Datasheet HTML 5Page - Linear Technology LTC1659_1 Datasheet HTML 6Page - Linear Technology LTC1659_1 Datasheet HTML 7Page - Linear Technology LTC1659_1 Datasheet HTML 8Page - Linear Technology LTC1659_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1659
2
1659fa
ABSOLUTE MAXIMUM RATINGS
VCC to GND ............................................... –0.5V to 7.5V
Logic Inputs to GND ................................. –0.5V to 7.5V
VOUT.................................................–0.5V to VCC + 0.5V
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
CLK
DIN
CS/LD
DOUT
VCC
VOUT
REF
GND
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 160°C/W
1
2
3
4
CLK
DIN
CS/LD
DOUT
8
7
6
5
VCC
VOUT
REF
GND
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 140°C/W
PIN CONFIGURATION
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
Resolution
●
12
Bits
Monotonicity
●
12
Bits
DNL
Differential Nonlinearity
VREF ≤ VCC – 0.1V (Note 2)
●
±0.5
LSB
INL
Integral Nonlinearity
VREF ≤ VCC – 0.1V (Note 2)
●
±5.0
±5.5
LSB
LSB
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded, REF ≤ VCC, TA = TMIN to TMAX
unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1659CS8#PBF
LTC1659CS8#TRPBF
1659
8-Lead Plastic SO
0°C to 70°C
LTC1659IS8#PBF
LTC1659IS8#TRPBF
1659I
8-Lead Plastic SO
–40°C to 85°C
LTC1659CMS8#PBF
LTC1659CMS8#TRPBF
LTCK
8-Lead Plastic MSOP
0°C to 70°C
LTC1659IMS8#PBF
LTC1659IMS8#TRPBF
LTCK
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range
LTC1659CS8 ............................................ 0°C to 70°C
LTC1659IS8 ......................................... –40°C to 85°C
LTC1659CMS8......................................... 0°C to 70°C
LTC1659IMS8 ...................................... –40°C to 85°C
Lead Temperature (Soldering, 10 sec) .................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com