Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16 Datasheet(PDF) 2 Page - Emerson Network Power

Part # DA16
Description  Switching wallmount power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DA16 Datasheet(HTML) 2 Page - Emerson Network Power

  DA16 Datasheet HTML 1Page - Emerson Network Power DA16 Datasheet HTML 2Page - Emerson Network Power DA16 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 11.19.08
DA16 Series
 of 3
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Maximum
Power
Output
Voltage
Minimum
Load
Maximum
Load
PeakLoad1
Regulation2
Ripple
P/P(PARD)3
DA16-120US
16 W
12.2V
0.2A
1.33A
1.5A
±3%
120mV
DA16-120EU
16 W
12.2V
0.2A
1.33A
1.5A
±3%
120mV
DA16-120UK
16 W
12.2V
0.2A
1.33A
1.5A
±3%
120mV
DA16-120AU
16 W
12.2V
0.2A
1.33A
1.5A
±3%
120mV
1. Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20mHzbandwidthand10µFinparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.
4. Minimumloadsarerequired.
MechanicalDrawing
DA16XX-US
Operatingtemperature:
0°to+40°Cambient
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN55024
Humidity:
Operating;non-condensing5%to95%
RH
Vibration:
Threeorthogonalaxes,sweepat1oct/
min.5min.dwellatfourmajor
resonances2Gpeak8Hzto500Hz,
operational
MTBFdemonstrated:
>550,000hoursatfullloadand25°C
ambient conditions
EnvironmentalSpecifications
U.S.2-prong
US
Europe2-prong
EU
UnitedKingdom3-prong
UK
Australia2-prong
AU
ACPlugConfiguration
DA16XX-AU
(75.0) 2.95
(2,000) 78.7
(10.5) 0.41
)
(77.0) 3.03
(12.7) 0.50
(12.7) 0.50
(1.50) 0.06
(60) 2.36



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com