Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS53 Datasheet(PDF) 1 Page - Emerson Network Power

Part # DPS53
Description  Universal AC input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DPS53 Datasheet(HTML) 1 Page - Emerson Network Power

  DPS53 Datasheet HTML 1Page - Emerson Network Power DPS53 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 10.01.08_122
DPS50
1 of 2
Embedded Power for
Business-Critical Continuity
DPS50
60 Watts
Special Features
•CEMarkEMC&LVD
•UniversalACinput
•Fullyregulatedoutput
•Overloadandshortcircuit
protection
•Internalremotesensetothe
outputplug
•Constantvoltage
•Highefficiency
•HighMTBF
•IEC320ACreceptacle,3pin
(type C14)
•BuiltinEMIfilter
(CISPR22ClassB)
•LEDpowergoodindicator
•Inputpower<74watts
•ComplieswithEN61000-3-2
•MeetsEnergyStar
•WEEE&CeCIVcompliant
Total Power:
30-60Watts
Input Voltage:
90-264VAC
127-300VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange
90-264VAC(widerange)
127-300VDC
Frequency
47-440Hz
Inrushcurrent
<60A@230VAC,coldstart@25C
Inputcurrent
<2.0Arms@115VAC;<1A@230VAC
Efficiency
80%@fullloadtypical,@115VAC
EMI/RFI
FCCPart15,SubpartBClassB&EN55022(CISPR22)ClassB
Safetyground
leakagecurrent
0.5mA@50/60Hz,264VACinput
Output
MaximumPower(Po)
60W(DPS52,30W)
Hold-uptime
10ms.typicalatfullload@115VAC
Overvoltageprotection
20%-45%abovenominaloutputmaximum
Latchingtype,recycleACtoreset.
Overloadprotection
Outputshortcircuitprotectionautorecover
Overloadprotected@120-150%abovemaximumrating
Cable/connector
DCcablewith2.5mmcenterplug
DCplugcenter+v
DCplugouter-v
Operatingtemperature: 0°to+40°Cambient.Derateeachoutputas2.5%perdegreefrom
40°Cto60°C.-20°Cstartup
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4,-2,-3,-4,-5,-6,-8,-11,level3
Humidity:
Operating;non-condensing10%to90%RH
Vibration:
Threeorthogonalaxes,3sweepsperaxeat1oct/min.2Gpeak8Hz
to500Hz,operational
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
UL
UL60950-1
CSA
CSA-C22.2no.60950-1
VDE
EN60950-1
CE
EMC&LVD
CB
Certificate and report
PSE
Denan06-03051012
RoHS


Similar Part No. - DPS53

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DPS53 ASTEC-DPS53 Datasheet
465Kb / 2P
DPS50 Series
logo
Artesyn Technologies
DPS53 ARTESYN-DPS53 Datasheet
1Mb / 2P
Fully regulated output
logo
Astec America, Inc
DPS53-M ASTEC-DPS53-M Datasheet
465Kb / 2P
60 Watts
logo
Emerson Network Power
DPS53-M EMERSON-NETWORKPOWER-DPS53-M Datasheet
464Kb / 2P
Medical safety approvals
More results

Similar Description - DPS53

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD50SERIES EMERSON-NETWORKPOWER-AD50SERIES Datasheet
173Kb / 2P
Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
Universal AC input
DPT50 EMERSON-NETWORKPOWER-DPT50 Datasheet
647Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
Universal AC Input
logo
Lite-On Technology Corp...
PA-1400-47 LITEON-PA-1400-47 Datasheet
499Kb / 2P
Universal AC Input
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
Universal AC Input
PA-1600-31 LITEON-PA-1600-31 Datasheet
547Kb / 2P
Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
Universal AC Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com