Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1010 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA1010
Description  isc Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1010 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA1010 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1010 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1010 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SA1010
DESCRIPTION
·Low Collector Saturation Voltage
·Fast Switching Speed
·Complement to Type 2SC2334
APPLICATIONS
·Developed for high-voltage high-speed switching, and is
ideal for use as a driver in devices such as switching reg-
lators, DC/DC converters, and high frequency power am-
plifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-7.0
V
IC
Collector Current-Continuous
-7.0
A
ICM
Collector Current-Peak
-15
A
IB
B
Base Current-Continuous
-3.5
A
Collector Power Dissipation
@ Ta=25℃
1.5
PC
Total Power Dissipation
@ TC=25℃
40
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - 2SA1010

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1010 NEC-2SA1010 Datasheet
118Kb / 6P
SILICON POWER TRANSISTOR
logo
Savantic, Inc.
2SA1010 SAVANTIC-2SA1010 Datasheet
141Kb / 5P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1010 JMNIC-2SA1010 Datasheet
180Kb / 5P
Silicon PNP Power Transistors
logo
Renesas Technology Corp
2SA1010 RENESAS-2SA1010 Datasheet
242Kb / 8P
SILICON POWER TRANSISTOR
logo
Quanzhou Jinmei Electro...
2SA1010 JMNIC-2SA1010 Datasheet
180Kb / 5P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1010

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com