Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX78F Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX78F
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX78F Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX78F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX78F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
BDX78F
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -0.2A ;IB= 0
B
-80
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -1mA ;IE= 0
-100
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -1mA ;IC= 0
-5
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -3A; IB= -0.3A
B
-1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -6A; IB= -0.6A
B
-1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -6A; IB= -0.6A
B
-2.0
V
VBE(on)
Base-Emitter On Voltage
IC= -3A ; VCE= -2V
-1.5
V
ICEO
Collector Cutoff Current
VCE= 40V; IB= 0
B
-0.2
mA
ICBO
Collector Cutoff Current
VCB= VCBO;IE= 0
VCB=
1/
2VCBO;IE= 0; T
J= 150℃
-0.1
-1.0
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-0.5
mA
hFE
DC Current Gain
IC= -2A ; VCE= -2V
30
fT
Current-Gain—Bandwidth Product
IC= -0.3A ; VCE= -3V, ftest= 1.0MHz
7.0
MHz
Switching Times
ton
Turn-On Time
1
μs
toff
Turn-Off Time
IC= -2A; IB1= -IB2= -0.2A
2
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com