Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS50-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # DPS50-M
Description  Medical safety approvals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DPS50-M Datasheet(HTML) 1 Page - Emerson Network Power

  DPS50-M Datasheet HTML 1Page - Emerson Network Power DPS50-M Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 10.01.08_123
DPS50-M
1 of 2
Embedded Power for
Business-Critical Continuity
DPS50-M
60 Watts
Medical
Special Features
•Medicalsafetyapprovals
•CEMarkEMC&LVD
•UniversalACinput
•Fullyregulatedoutput
•Overloadandshortcircuit
protection
•Internalremotesensetothe
outputplug
•Constantvoltage
•Highefficiency
•HighMTBF
•IEC320ACreceptacle,3pin
(type C14)
•BuiltinEMIfilter
(CISPR22ClassB)
•LEDpowergoodindicator
•Inputpower<74watts
•ComplieswithEN61000-3-2
•MeetsEnergyStar
•WEEE&CeCiVcompliant
Total Power:
30-60Watts
Input Voltage:
90-264VAC
127-300VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange
90-264VAC(widerange)
127-300VDC
Frequency
47-440Hz
Inrushcurrent
<60A@230VAC,coldstart@25C
Inputcurrent
<2.0Arms@115VAC;<1A@230VAC
Efficiency
80%@fullloadtypical,@115VAC
EMI/RFI
FCCPart15,SubpartBClassB&EN55022(CISPR22)ClassB
Safetyground
leakagecurrent
275µAmax.@50/60Hz,264VACinput
Output
MaximumPower(Po)
60W(DPS52,30W)
Hold-uptime
10ms.typicalatfullload@115VAC
Overvoltageprotection
20%-45%abovenominaloutputmaximum
Latchingtype,recycleACtoreset.
Overloadprotection
Outputshortcircuitprotectionautorecover
Overloadprotected@120-150%abovemaximumrating
Cable/connector
DCcablewith2.5mmcenterplug
DCplugcenter+v
DCplugouter-v
Operatingtemperature: 0°to+40°Cambient.Derateeachoutputas2.5%perdegreefrom
40°Cto60°C.-20°Cstartup
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4,-2,-3,-4,-5,-6,-8,-11,level3
Humidity:
Operating;non-condensing10%to90%RH
Vibration:
Threeorthogonalaxes,3sweepsperaxeat1oct/min.2Gpeak8Hz
to500Hz,operational
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
UL
UL60601-1
CSA
CSA-C22.2no.601.1-M90
VDE
07501/EN60601-1(IEC601)
CE
EMC&LVD
RoHS


Similar Part No. - DPS50-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
60 Watts
More results

Similar Description - DPS50-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
124Kb / 3P
Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
Medical Safety Approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
Medical safety approvals
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
Medical safety approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
Medical Safety Approvals
LPT60-M EMERSON-NETWORKPOWER-LPT60-M Datasheet
417Kb / 3P
Medical safety approvals
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
Medical safety approvals
logo
XP Power Limited
ECS25 XPPOWER-ECS25 Datasheet
4Mb / 11P
IT & Medical Safety Approvals
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
Medical Safety Approvals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com