Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1492 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1492
Description  isc Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1492 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1492 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1492 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1492 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SA1492
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -50mA ; IB= 0
-180
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -5.0A; IB= -0.5A
B
-2.0
V
ICBO
Collector Cutoff Current
VCB= -180V ; IE=0
-100
μA
IEBO
Emitter Cutoff Current
VEB= -6V; IC=0
-100
μA
hFE
DC Current Gain
IC= -3A ; VCE= -4V
50
180
COB
Output Capacitance
IE= 0 ; VCB= -10V;f= 1.0MHz
500
pF
fT
Current-Gain—Bandwidth Product
IE= 0.5A ; VCE= -12V
20
MHz
Switching times
ton
Turn-on Time
0.6
μs
tstg
Storage Time
0.9
μs
tf
Fall Time
IC= -10A ,RL= 4Ω,
IB1= -IB2= -1A,VCC= -40V
0.2
μs
hFE Classifications
O
P
Y
50-100
70-140
90-180
isc Website:www.iscsemi.cn
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com