Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA755 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA755
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA755 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA755 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA755 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA755 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA755
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA ,RBE=∞
-50
V
V(BR)CBO
Collector-base breakdown voltage
IC=-5mA ,IE=0
-50
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-5mA ,IC=0
-4
V
VCEsat
Collector-emitter saturation voltage
IC=-1.5A; IB=-0.15A
-1.3
V
VBE
Base-emitter on voltage
IC=-1A ; VCE=-4V
-1.5
V
ICBO
Collector cut-off current
VCB=-20V; IE=0
-100
μA
hFE-1
DC current gain
IC=-1A ; VCE=-4V
35
200
hFE-2
DC current gain
IC=-0.1A ; VCE=-4V
35
fT
Transition frequency
IC=-0.5A ; VCE=-4V
50
MHz
hFE-1 Classifications
A
B
C
35-70
60-120
100-200
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com