Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1359 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA1359
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1359 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA1359 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1359 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1359 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SA1359 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1359
DESCRIPTION
·
·With TO-126 package
·Complement to type 2SC3422
·Good linearity of hFE
APPLICATIONS
·Audio frequency amplifier
·Low speed switching
·Suitable for output stage of 5W car
radio and car stereo
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-40
V
VCEO
Collector-emitter voltage
Open base
-40
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-3
A
IB
Base current
-1
A
Ta=25℃
1.5
PD
Total power dissipation
TC=25℃
10
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~+150
℃


Similar Part No. - 2SA1359

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359 Datasheet
154Kb / 2P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER. LOW SPEED SWITCHING)
2SA1359 TOSHIBA-2SA1359 Datasheet
130Kb / 4P
Audio Frequency Power Amplifier Low-Speed Switching
logo
Savantic, Inc.
2SA1359 SAVANTIC-2SA1359 Datasheet
147Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1359 JMNIC-2SA1359 Datasheet
205Kb / 4P
Silicon PNP Power Transistors
2SA1359 JMNIC-2SA1359 Datasheet
205Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1359

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com