Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1443 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1443
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1443 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1443 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1443 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1443 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1443
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=-6A , IB=-0.6A;L=1mH
-60
V
VCEsat-1
Collector-emitter saturation voltage
IC=-6A, IB=-0.3A
-0.3
V
VCEsat-2
Collector-emitter saturation voltage
IC=-8A, IB=-0.4A
-0.5
V
VBEsat-1
Base-emitter saturation voltage
IC=-6A, IB=-0.3A
-1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=-8A, IB=-0.4A
-1.5
V
ICBO
Collector cut-off current
VCB=-60V, IE=0
-10
μA
ICEX
Collector cut-off current
VCE=-60V,VBE=1.5V
Ta=125℃
-10
-1.0
μA
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-10
μA
hFE-1
DC current gain
IC=-1A ; VCE=-2V
100
hFE-2
DC current gain
IC=-2A ; VCE=-2V
100
400
hFE-3
DC current gain
IC=-6A ; VCE=-2V
60
Cob
Output capacitance
IE=0 ; VCB=-10V,f=1MHz
230
pF
fT
Transition frequency
IC=-1A ; VCE=-10V
80
MHz
Switching times
ton
Turn-on time
0.3
μs
ts
Storage time
1.5
μs
tf
Fall time
IC=-6A ; RL=8.3Ω
IB1=- IB2=-0.3A
VCC≈-50V
0.3
μs
hFE-2 Classifications
M
L
K
100-200
150-300
200-400
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com