Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXQ60D Datasheet(PDF) 1 Page - Emerson Network Power

Part # EXQ60D
Description  60 W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXQ60D Datasheet(HTML) 1 Page - Emerson Network Power

  EXQ60D Datasheet HTML 1Page - Emerson Network Power EXQ60D Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC CONVERTERS 60 W High Efficiency DC/DC Converters
1
2 YEAR WARRANTY
EXQ60D Series
Dual positive output
• Two positive outputs
• Output voltage tracking
• High efficiency
• Approved to EN60950 (TÜV Rheinland), UL/cUL1950
• Operating baseplate temperature of -40 °C to +100 °C
• Up to 100% load imbalance
• Trim function
• No minimum load
• Complies with ETS 300 019-1-3/2-3
• Fully compliant with ETS 300 386-1
• Available RoHS compliant
The EXQ60 is a new high efficiency, open frame, isolated 60 Watt converter series in an industry
standard quarter-brick footprint. The EXQ60 delivers very high output current at low voltages, and
excellent useable power density for today's high end applications. The first two models in the series
feature an input voltage range of 33 V to 75 V and are available in output voltages of 5/3.3 V and
3.3/2.5 V. The output voltage on each model is adjustable from 90% to 110% of the nominal value.
Typical efficiencies for the models are 91% for the 5/3.3 V and 90% for the 3.3/2.5 V version. The
EXQ60 series also has a remote on/off capability. Overcurrent and overvoltage protection features are
included as standard. With full international safety approval including EN60950, (TÜV Rheinland) and
UL/cUL1950, the EXQ60 reduces compliance costs and time to market.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
EMC CHARACTERISTICS
ETS 300 386-1 table 5
Conducted emissions
EN55022 with external filter
Level A
EN55022 with external filter
Level B
Radiated emissions
EN55022
Level B
Immunity:
ESD air
EN61000-4-2
8 kV (NP), 15 kV (RP)
ESD contact
EN61000-4-2
6 kV (NP), 8 kV (RP)
Radiated field enclosure
EN61000-4-3
10 V/m (NP)
Conducted (DC power)
EN61000-4-6
10 V (NP)
Conducted (signal)
EN61000-4-6
10 V (NP)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Operational insulation
Input/output
1500 Vdc
Input/baseplate
1500 Vdc
Input fuse
5 A slow blow
Switching frequency
Fixed
400 kHz (5/3.3 V)
325 kHz (3.3/2.5 V)
Approvals and standards
UL/cUL1950, EN60950
(See Notes 2 and 3)
TÜV Rheinland
Weight
45 g (1.6 oz)
MTBF
Telcordia SR-332
3,080,891 hours
@ 25 °C, 100% load
ground benign
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating baseplate -40 °C to +100 °C
temperature
Non-operating
-40 °C to +125 °C
OUTPUT SPECIFICATIONS
Voltage adjustability
Both outputs
±10%
Setpoint accuracy
Both outputs (See Note 1)
±1% max.
Output voltage
5/3.3 V
4.75 V < Vo1 < 5.23 V
3.20 V < Vo2 < 3.43 V
(over all line and
3.3/2.5 V
3.18 V < Vo1 < 3.48 V
load conditions)
2.39 V < Vo2 < 2.60 V
Minimum load
Both outputs
0%
Ripple and noise
20 MHz bandwidth
60 mV pk-pk max.,
20 mV rms max.
Transient response
50% to 75% and back
120/80 mV
peak dev. settling time
to 1.0%, no external cap.
100 µs
Short circuit protection
Both outputs
Tracking
Outputs track
start-up and shutdown
INPUT SPECIFICATIONS
Input voltage range
48 Vin nominal
33-75 Vdc
Input current
No load
60 mA max.
Remote OFF
20 mA max.
UVLO turn ON voltage
33 V (typ)
UVLO turn OFF voltage
30 V (typ)
Start-up time
Nominal line
8 ms (typ)
Active high remote ON/OFF
(See Note 4)
Logic compatibility
Open Collector ref. to -input
ON
Open circuit or >4 Vdc
OFF
<1.2 Vdc
SPECIFICATIONS
File Name: exq60d.pdf Rev: 29 Mar 2006


Similar Part No. - EXQ60D

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXQ60D ARTESYN-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
More results

Similar Description - EXQ60D

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXQ60D ARTESYN-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
logo
Emerson Network Power
CXE15 EMERSON-NETWORKPOWER-CXE15 Datasheet
262Kb / 3P
15 W High Efficiency DC-DC Converters
EXA40 EMERSON-NETWORKPOWER-EXA40 Datasheet
132Kb / 3P
40 W High Efficiency DC-DC Converters
EXB30 EMERSON-NETWORKPOWER-EXB30 Datasheet
118Kb / 2P
16-30 W High Efficiency DC-DC Converters
EXB250 EMERSON-NETWORKPOWER-EXB250 Datasheet
94Kb / 3P
72-165 W High Efficiency DC-DC Converters
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
logo
Artesyn Technologies
EXQ125-48S1V2J ARTESYN-EXQ125-48S1V2J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
50 W High Efficiency DC-DC Converters
EXB30-24D05-3V3J ARTESYN-EXB30-24D05-3V3J Datasheet
142Kb / 3P
30 W High Efficiency DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com