Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEST2600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TEST2600
Description  Silicon NPN Phototransistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEST2600 Datasheet(HTML) 2 Page - Vishay Siliconix

  TEST2600 Datasheet HTML 1Page - Vishay Siliconix TEST2600 Datasheet HTML 2Page - Vishay Siliconix TEST2600 Datasheet HTML 3Page - Vishay Siliconix TEST2600 Datasheet HTML 4Page - Vishay Siliconix TEST2600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TEST2600
Vishay Telefunken
2 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81562
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Collector Emitter Breakdown
Voltage
IC = 1 mA
V(BR)CE
O
70
V
Collector Dark Current
VCE = 20 V, E = 0
ICEO
1
100
nA
Collector Emitter Capacitance
VCE = 5 V, f = 1 MHz, E=0
CCEO
6
pF
Collector Light Current
Ee = 1 mW/cm2,
l = 950 nm, VCE = 5 V
Ica
1
2.5
mA
Angle of Half Sensitivity
horizontal
ϕ1
±30
deg
gy
vertical
ϕ2
±60
deg
Wavelength of Peak Sensitivity
lp
920
nm
Range of Spectral Bandwidth
l0.5
850...980
nm
Collector Emitter Saturation
Voltage
Ee = 1 mW/cm2,
l = 950 nm, IC = 0.1 mA
VCEsat
0.3
V
Turn–On Time
VS = 5 V, IC = 5 mA,
RL = 100 W
ton
6
ms
Turn–Off Time
VS = 5 V, IC = 5 mA,
RL = 100 W
toff
5
ms
Cut–Off Frequency
VS = 5 V, IC = 5 mA,
RL = 100 W
fc
110
kHz
Typical Characteristics (Tamb = 25_C unless otherwise specified)
020
4060
80
0
25
50
75
100
125
Tamb – Ambient Temperature ( °C )
100
94 8308
RthJA
Figure 1. Total Power Dissipation vs.
Ambient Temperature
94 8249
20
100
40
60
80
Tamb – Ambient Temperature ( °C )
100
101
102
103
104
VCE = 10V
Figure 2. Collector Dark Current vs.
Ambient Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com