Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1292 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1292
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292 Datasheet(HTML) 2 Page - Linear Technology

  LTC1292_1 Datasheet HTML 1Page - Linear Technology LTC1292_1 Datasheet HTML 2Page - Linear Technology LTC1292_1 Datasheet HTML 3Page - Linear Technology LTC1292_1 Datasheet HTML 4Page - Linear Technology LTC1292_1 Datasheet HTML 5Page - Linear Technology LTC1292_1 Datasheet HTML 6Page - Linear Technology LTC1292_1 Datasheet HTML 7Page - Linear Technology LTC1292_1 Datasheet HTML 8Page - Linear Technology LTC1292_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1292/LTC1297
12927fb
PACKAGE/ORDER I FOR ATIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Notes 1 and 2)
Supply Voltage (VCC) to GND.................................. 12V
Voltage
Analog and Reference
Inputs ..................................... –0.3V to VCC + 0.3V
Digital Inputs ........................................ –0.3V to 12V
Digital Outputs .......................... –0.3V to VCC + 0.3V
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1292/LTC1297BC, LTC1292/LTC1297CC,
LTC1292/LTC1297DC ............................ 0
°C to 70°C
LTC1292BI, LTC1292CI,
LTC1292DI ......................................... –40
°C to 85°C
Storage Temperature Range ................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
ORDER PART NUMBER
TJMAX = 150°C, θJA =100°C/W (J8)
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
N8 PACKAGE
8-LEAD PLASTIC DIP
1
2
3
4
TOP VIEW
CS
+IN
–IN
GND
J8 PACKAGE
8-LEAD CERAMIC DIP
8
7
6
5
VCC
CLK
DOUT
VREF
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
(Note 4)
q
±3.0
±3.0
±3.0
LSB
Linearity Error (INL)
(Note 4 & 5)
q
±0.5
±0.5
±0.75
LSB
Gain Error
(Note 4)
q
±0.5
±1.0
±4.0
LSB
Minimum Resolution for Which No
12
12
12
Bits
Missing Codes are Guaranteed
Analog and REF Input Range
(Note 7)
q
–0.05V to VCC + 0.05V
V
On Channel Leakage Current
On Channel = 5V
q
±1
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
q
±1
±1
±1
µA
Off Channel = 5V
Off Channel Lekage Current
On Channel = 5V
q
±1
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
q
±1
±1
±1
µA
Off Channel = 5V
LTC1292C
LTC1297C
LTC1292B
LTC1297B
LTC1292D
LTC1297D
LTC1292BIN8
LTC1292CIN8
LTC1292DIN8
LTC1292BCN8
LTC1292CCN8
LTC1292DCN8
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 100°C, θJA =130°C/W (N8)
LTC1292BCJ8
LTC1297BCJ8
LTC1292CCJ8
LTC1297CCJ8
LTC1292DCJ8
LTC1297DCJ8
LTC1297BCN8
LTC1297CCN8
LTC1297DCN8
The q denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com