Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS35W Datasheet(PDF) 3 Page - Emerson Network Power

Part # HPS35W
Description  Active Power Factor Correction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS35W Datasheet(HTML) 3 Page - Emerson Network Power

  HPS35W Datasheet HTML 1Page - Emerson Network Power HPS35W Datasheet HTML 2Page - Emerson Network Power HPS35W Datasheet HTML 3Page - Emerson Network Power HPS35W Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
330.2
343.2
468.8
442.0
3.2
482.6
22.0
1
19
20
37
SLOT 1
SLOT 2
6: INHIBIT
13: INHIBIT
7: DC OK
14: DC OK
8: AC OK
15: AC OK
9: I2C Address #1
16: I2C Address
10: I2C Address #2
17: I2C Address
11: Fan Monitor
18: Fan Monitor
12: Global AC OK
19: Global INHIBIT
23: Not used
21: I2C DATA
22: SWP
20: I2C CLK
2: (+) sense
4: 5V (std-by)
5: not used
3: (-) sense
1: 5V RTN (std-by)
30: Not used
29: Fan Monitor
25: DC OK
27: I2C Address
28: I2C Address
26: AC OK
24: INHIBIT
SLOT 3
37: Not used
36: Fan Monitor
32: DC OK
34: I2C Address
35: I2C Address
33: AC OK
31: INHIBIT
SLOT 4
+
RTN
+
RTN
PIN DESIGNATION
ACCord:(NorthAmerica)
Forallothercountries,pleasecontactfactory.
1) QuailElectronicsSeries5050orequivalent(15A/125V)
SupplyEnd-NEMA5-15P
EquipmentEnd-IEC60320-C19
2) QuailElectronicsSeries5052orequivalent(20A/125V)
SupplyEnd-NEMA5-20P
EquipmentEnd-IEC60320-C19
BlankPanel:
AstecP/N73-686-000
Watts
1400(fullypopulated)
InputVoltage
90-264
ModuleID
HPS35
RackID
HPR1
Max.Size(HxWxL)
1.75”x19.0”x13.0”
ModuleDistribution (4ea)HPS35
StandardSize
1U
UnitWeight(lbs)
8.6
D-subConnectorPinOuts
Pin Description
1
5VReturn(std-by)
2
+RemoteSense
3
-RemoteSense
4
5VStandby
5
Unused
6
ModuleInhibit
7
DCOK
8
ACOK
9
I2C_ADD#1
10 I2C_ADD#2
11 Fan Monitor
12 GlobalACOK
13 ModuleInhibit
14 DCOK
15 ACOK
16 I2C_ADD#1
17 I2C_ADD#2
18 Fan Monitor
19 GlobalInhibit
S
L
O
T
1
Pin Description
20 I2CCLOCK
21 I2CDATA
22 SWP
23 Unused(I2C_INT)
24 ModuleInhibit
25 DCOK
26 ACOK
27 I2C_ADD#1
28 I2C_ADD#2
29 Fan Monitor
30 Unused
31 ModuleInhibit
32 DCOK
33 ACOK
34 I2C_ADD#1
35 I2C_ADD#2
36 Fan Monitor
37 Unused
S
L
O
T
2
S
L
O
T
3
S
L
O
T
4
PSU Connector
617-A-037-P-AJ-1-21(Malesocket)Amphenol
PinOutDiagramD-subConnector(male)
MatingConnector
617-A-037-S-AJ-1-20(Femalesocket)Amphenol
PinOutDiagramD-subConnector(female)
Rev. 2.18.09_133
HPS35 Series
3 of 4
HPR1-00
Racks
RackInformation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com