Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ802 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ802
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ802 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ802 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ802 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJ802 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJ802
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=0.2A ;IB=0
90
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC=7.5A; IB=0.75A
0.8
V
VBE(sat)
Base-Emitter Saturation Voltage
IC=7.5A; IB=0.75A
1.3
V
VBE(on)
Base-Emitter On Voltage
IC=7.5A ; VCE=2V
1.3
V
ICBO
Collector Cutoff Current
VCB=100V; IE=0
VCB=100V; IE=0;TC=150℃
1.0
5.0
mA
IEBO
Emitter Cutoff current
VEB=4V; IC=0
1.0
mA
hFE
DC Current Gain
IC=7.5A ; VCE=2V
25
100
fT
Current-Gain—Bandwidth Product
IC=1A;VCE=10V;f=1.0MHz
2.0
MHz
isc Website:www.iscsemi.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com