Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ112 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPQ112
Description  Universal input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPQ112 Datasheet(HTML) 1 Page - Emerson Network Power

  LPQ112 Datasheet HTML 1Page - Emerson Network Power LPQ112 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
102
Special Features
Electrical Specs
110 Watts
LPQ110 Series
Input
Input range
85-264 VAC
120-300 VDC
Frequency
47-440 Hz
Inrush current
<18 A peak @ 115 VAC;
<36 A peak @ 230 VAC,
cold start @ 25°C
Input current
2.5 A max. (RMS) @ 115 VAC
Efficiency
70% typical at full load
EMI filter
FCC Class B conducted
CISPR 22 Class B conducted
EN55022 Class B conducted
VDE 0878 PT3 Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
80 W for convection;
110 W with 30 CFM forced air
Adjustment range
±5% min. on main; 5-25 V on 4th
output on LPQ112 and LPQ113
Cross regulation
±2% on output 1; ±3% on outputs
2, 3 & 4
Hold-up time
20 ms @ 80 W load, 115 VAC
nominal line
Overload protection
Short circuit protection on all
outputs. Case overload protected @
110-145% above peak rating
Overvoltage protection
5.7-6.7 VDC on main output.
Latching type, recycle AC to reset.
Logic Control
Power Failure
TTL logic signal goes high 50-150
msec after 5 V output. It goes low at
least 4 msec before loss of regulation.
Remote sense
Compensates for 0.5 V lead drop
min. Will operate without remote
sense connected. Reverse
connection protected.
Operating temperature: 0° to 50°C ambient
derate each output at 2.5% per degree from 50°
to 70°C
Electromagnetic susceptibility: Designed to
meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances
0.75 G peak 5 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ±.04% per °C
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient conditions
• Universal input
• High efficiency
• Remote sense on main output
• Built-in EMI filter
• Low output ripple
• Adjustable 5 V output
• Overvoltage protection
• Overload protection
• Adjustable floating 4th output
(On LPQ112 and LPQ113)
•Power fail
• Optional L bracket (-B suffix)
• Cover kit available LPX110-C
Environmental
VDE
0805/EN60950 (IEC950) 11774-3336-1245 (LC #84997)
UL
UL1950
E132002
CSA
CSA 22.2-234 Level 3
LR53982C
NEMKO EN 60950/EMKO-TUE
P94102464
(74-sec) 203
CB
Certificate and report
1423, 1424, 1425
CE
Mark (LVD)
Electrical Specs
Total Power:
80-110 Watts
Input Voltage: 85-264 VAC
120-300 VDC
# of Outputs:
Quad
rev 12.10.03


Similar Part No. - LPQ112

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPQ112 ASTEC-LPQ112 Datasheet
81Kb / 2P
110 Watts
More results

Similar Description - LPQ112

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS25 EMERSON-NETWORKPOWER-LPS25 Datasheet
99Kb / 3P
Universal input
LPS40 EMERSON-NETWORKPOWER-LPS40 Datasheet
124Kb / 3P
Universal input
LPS50 EMERSON-NETWORKPOWER-LPS50 Datasheet
515Kb / 3P
Universal input
LPS60 EMERSON-NETWORKPOWER-LPS60 Datasheet
121Kb / 3P
Universal input
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
Universal input
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
343Kb / 4P
Universal Input
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
Universal input
logo
MORNSUN Science& Techno...
LH25-20B05MU MORNSUN-LH25-20B05MU Datasheet
1Mb / 5P
Universal Input
logo
Total Power Internation...
TPS-40LB TOTAL-POWER-TPS-40LB Datasheet
229Kb / 2P
Universal input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com