Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP29A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP29A
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP29A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP29A Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP29A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistors
TIP29A
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 60V(Min)
·Collector-Emitter Saturation Voltage-
: VCE(sat) = 0.7V(Max.)@IC= 1.0A
·Complement to Type TIP30A
APPLICATIONS
·Designed for use in general purpose amplifier and switching
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
1
A
ICM
Collector Current-Pulse
3
A
IB
Base Current
0.4
A
PC
Collector Power Dissipation
TC=25℃
30
W
Tj
Junction Temperature
150
℃
Tstg
Storage Ttemperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.17
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
℃/W


Similar Part No. - TIP29A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP29A MOSPEC-TIP29A Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP29A POINN-TIP29A Datasheet
85Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIP29A TRSYS-TIP29A Datasheet
443Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP29A FAIRCHILD-TIP29A Datasheet
39Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP29A BOCA-TIP29A Datasheet
26Kb / 2P
General purpose Amplifier and Switching Applications
More results

Similar Description - TIP29A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com