Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ152 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPQ152
Description  LPQ150 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPQ152 Datasheet(HTML) 1 Page - Emerson Network Power

  LPQ152 Datasheet HTML 1Page - Emerson Network Power LPQ152 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 12.10.03
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
114
Special Features
Electrical Specs
150 Watts
LPQ150 Series
Input
Input range
85-132 VAC or 170-264 VAC automati-
cally selected. 220-300 VDC
Frequency
47-63 Hz
Inrush current
38 A max, cold start @ 25°C
Efficiency
75% typical at full load
EMI filter
Meets FCC Class B conducted
CISPR 22 Class B conducted
EN55022 Class B conducted
VDE 0878 PT3 Class B conducted
Safety ground leakage
current
0.5 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
110 W convection (75 W with cover)
150 W with 30 CFM forced air
(130 W with cover)
Adjustment range
±5% on main; 5-25 V on 4th output
on LPQ 152 & LPQ 153
Cross regulation
±2% on output 1; ±3% on outputs 2, 3
& 4
Hold-up time
20 ms @110 W load at nominal line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-145%
above peak rating
Overvoltage protection
5.7-6.7 VDC on main output
Logic Control
Power failure
TTL logic signal goes high 50-150
msec after 5 V output. It goes low at
least 3 msec before loss of regulation
Remote inhibit
Requires an external TTL high signal to
inhibit outputs
Remote sense
Compensates for 0.5 V lead drop min.
Will operate without remote sense
connected. Reverse connection
protected.
• Auto ranging input
• Remote sense on main output
• Remote inhibit
• Single wire current sharing
•Power fail
• Built-in EMI filter
• Low output ripple
• 135 khz switching frequency
• Overvoltage protection
• Overload protection
• Adjustable floating 4th output
(On LPQ152 and LPQ153 models)
• Optional cover (-C suffix). See page 64.
Operating temperature: 0° to 50°C ambient
derate each output at 2.5% per degree from
50° to 70°C
Electromagnetic susceptibility: designed to meet
IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances
0.75 G peak 5 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ± .04% per °C
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient condition
VDE
0805/EN60950 (IEC950)
11774-3336-1260 (LC# 88585)
UL
UL1950
EI32002
CSA
CSA 22.2-234 Level 3
LR53982
NEMKO EN 60950/EMKO-TUE
P95102999
(74-sec) 203
CB
Certificate and report
2061
CE
Mark (LVD)
Safety
Total Power:
110-150 Watts
Input Voltage: 85-132 / 170-264 VAC
220-300 VDC
# of Outputs:
Quad
Environmental


Similar Part No. - LPQ152

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPQ152 ASTEC-LPQ152 Datasheet
249Kb / 2P
150 Watts
More results

Similar Description - LPQ152

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com