Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1357 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA1357
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1357 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA1357 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1357 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SA1357
DESCRIPTION
·High Collector Current-IC= -5.0A
·DC Current Gain-
: hFE= 70(Min)@IC= -4A
·Low Saturation Voltage
: VCE(sat)= -1.0V(Max)@IC= -4A
APPLICATIONS
·Strobe flash applications.
·Audio power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-35
V
VCEO
Collector-Emitter Voltage
-20
V
VEBO
Emitter-Base Voltage
-8
V
IC
Collector Current-Continuous
-5
A
ICP
Collector Current-Pulse
-8
A
IB
B
Base Current-Continuous
-1
A
Collector Power Dissipation
@ TC=25℃
10
PC
Collector Power Dissipation
@ Ta=25℃
1.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - 2SA1357

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1357 TOSHIBA-2SA1357 Datasheet
151Kb / 2P
TRANSISTOR (STROBE FLASH, AUDIO POWER AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA1357 TEL-2SA1357 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1357 TOSHIBA-2SA1357 Datasheet
140Kb / 4P
Strobe Flash Applications Audio Power Amplifier Applications
logo
SHENZHEN YONGERJIA INDU...
2SA1357 WINNERJOIN-2SA1357 Datasheet
109Kb / 1P
TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
2SA1357 FOSHAN-2SA1357 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-126F Plastic Package
More results

Similar Description - 2SA1357

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com