Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ173 Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPQ173
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPQ173 Datasheet(HTML) 2 Page - Emerson Network Power

  LPQ173 Datasheet HTML 1Page - Emerson Network Power LPQ173 Datasheet HTML 2Page - Emerson Network Power LPQ173 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
122
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Output
Minimum
Maximum Load with
Maximum Load with
Peak
Regulation2
Ripple
Number
Voltage
Load
Convection Cooling
30 CFM Forced Air
Load
P/P(PARD)3
LPQ172
5 V (3.3 - 5.5 V)
0 A
15 A
30 A
32 A
±2%
50 mV
12 V
0 A
6 A
8 A
10 A
±3%
120 mV
-12 V (-12 -15 V)
0 A
1.5 A
3 A
3.5 A
±3%
<1%
±3.3-25 V
0.5 A*
2 A
5 A
5.5 A
±3%
<50mV or 1%
LPQ173
5 V (3.3 - 5.5 V)
0 A
10 A
24 A
26 A
±2%
50 mV
12 V
0 A
6 A
8 A
10 A
±3%
120 mV
-12 V (-12 -15 V)
0 A
.2 A
3 A
3.5 A
±3%
<1%
5 V (3.3 - 5.5 V)
0 A
10A
24 A
26 A
±2%
50mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. 4th output adjustable 3.3-25 V factory set at 5 V.
5. *Minimum loads are required when output set below 5 Volts
6. Remote inhibit resets OVP latch
7. LPQ173-C has no convection rating.
Note: -C suffix added to the model number indicates cover option and is limited to 50C operation.
Connector
LPQ172
LPQ173
SK1
PIN 1
N/C
V4 SWP
PIN 2
5V Standby
5V Standby
PIN 3
N/C
+V4 Sense
PIN 4
V1 SWP
V1 SWP
PIN 5
Common
Common
PIN 6
+V1 sense
+V1 sense
PIN 7
Sense common
Sense common
PIN 8
Remote inhibit
Remote inhibit
PIN 9
DC power good
DC power good
PIN 10
POK
POK
SK2
PIN 1,2
+12 V
+12V
PIN 3,4,5
Common
Common
PIN 6
-12 V
-12V
PIN 7
POK
POK
PIN 8
+3.3 V to +25 V (Float)
N/C
PIN 9
Common (Float)
N/C
SK3
TB-1, 3
COMMON
COMMON
TB-2
+5 V (3.3V to 5.5V)
+5V (3.3V to 5.5V)
TB-4
N/C
+5 (3.3V to 5.5V)
SK4
PIN 1
GROUND
GROUND
PIN 3
LINE
LINE
PIN 5
NEUTRAL
NEUTRAL
Mating Connectors
(SK4) AC Input:
Molex 09-50-8051 (USA)
Molex 09-91-0500 (UK)
PINS: 08-58-0111
(SK3) Main output:
Molex BB-124-08
(SK2) Aux DC Output/Power fail:
Molex 09-50-8091 (USA)
Molex 09-91-0900 (UK)
PINS: 08-58-0111
(SK1) Control Signals:
Molex 90142-0010 (USA)
PINS: 90119-2110 or
Amp: 87977-3
PINS: 87309-8
Astec connector kit #70-841-015, includes all of the above.
Pin Assignments



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com