Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ252-C Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPQ252-C
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPQ252-C Datasheet(HTML) 3 Page - Emerson Network Power

  LPQ252-C Datasheet HTML 1Page - Emerson Network Power LPQ252-C Datasheet HTML 2Page - Emerson Network Power LPQ252-C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Embedded Power for
Business-Critical Continuity
Rev. 2.16.09_157
LPQ250 Series
3 of 3
MechanicalDrawing
5.0 (127.0)
2.0
(50.8)
1.18 (30.0)
9.0
(228.6)
6.64
(168.6)
3.42 (87.0)
.79
(20)
SK3
SK1
12345678
3 2 1
SK5
+ve -ve
Terminal
Block TB1
SK4
FAN
#6-32 UNC (8 places)
5.46
(138.6)
8.52
(216.4)
M3 (8 places)
3.68
(93.6)
3.15
(80)
2.17
(55)
3.0
(76.2)
.55
(14)
1.30
(33.0)
Optional
(-CF)
Cover
with Fan
Optional
(-CEF)
Cover
with fans
10.32
(262.0)
SK7
FAN
AC Inlet
10.0
10.0
10.0
M3
#6-32 UNC (2 places)
#6-32 UNC
(2 places)
.24 (6.1)
6-32 (2 places)
Main Output
6-32 (3 places)
SK2
6 5 4 3 2 1
M3
(6 places)
M3
PinAssignments
Connector
SK1
PIN1
Neutral
PIN2
Line
PIN3
Ground
SK2
PIN1
+12/15V
PIN2
Common
PIN3
Common
PIN4
-12/15V
PIN5
5-25VRETFloat
PIN6
5-25VFloat
SK3
PIN1
+Remotesense
Pin 2
-Remotesense
PIN3
Remoteinhibit(N.O.)
PIN4
Remoteinhibit(N.C.)
PIN5
Common
PIN6
Currentsharing
PIN7
Power Fail
PIN8
DCPowerGood
SK4
PIN1
+Fan’spowersource(12V@500mA)
PIN2
-Fan’spowersource(12V@500mA)
SK5
PIN1
+Supervisoryoutputsupply(5V@100mA)
PIN2
-Supervisoryoutputsupply(5V@100mA)
SK7
PIN1
+Fan’spowersource(12V@500mA)
PIN2
-Fan’spowersource(12V@500mA)
MatingConnectors
SK3
Molex22-01-1084
PINS:08-70-0057
SK4
Molex22-01-3027
PINS:08-50-0114
SK5
Molex22-01-3027
PINS:08-50-0114
SK7
Molex22-01-3027
PINS:08-50-0114
EmersonNetworkPowerConnectorKit#70-841-005,includesalloftheabove.
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis±0.02”­­(±0.5mm)
3. Specificationsareatfactorysettings.
4. Toenablenormallyclosedremoteinhibit,cutjumperJ1.
5. Mountingmaximuminsertiondepthis0.12”­­.
6. Warranty:2years
7. Weight:3.1lb/1.41kg
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
Waterfront Business Park
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
information or for any errors or omissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008 Emerson Electric Co.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-critical continuity.
ACPower
Connectivity
DCPower



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com