Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS40 Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPS40
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS40 Datasheet(HTML) 2 Page - Emerson Network Power

  LPS40 Datasheet HTML 1Page - Emerson Network Power LPS40 Datasheet HTML 2Page - Emerson Network Power LPS40 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load with
Convection Cooling
Maximum Load
with 30CFM
forced Air
Peak Load 1 Regulation 2
Ripple P/P
(PARD)3
LPS42-M 5V
0A
8A
11A
12A
±2%
50 mV
LPS43-M 12V
0A
3.3A
4.5A
5A
±2%
120 mV
LPS44-M 15V
0A
2.6A
3.6A
4A
±2%
150mV
LPS45-M 24V
0A
1.6A
2.3A
2.5A
±2%
240mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and
load ranges.
Rev. 07.23.07
LPS40-M Series
2 of 3
Operating temperature: 0° to 50°C ambient. Derate each output 2.5% per degree from
50° to 70°C, -20°C startup
Storage temperature:
-40°C to +85°C
Temperature coefficient: ±0.4% per °
C
Electromagnetic
susceptibility:
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity:
Operating; non-condensing 5% to 95% RH
Vibration:
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at
four major resonances 0.75G peak 5Hz to 500Hz, operational
MTBF demonstrated:
>550,000 hours at full load and 25°C ambient conditions
Environmental Specifications
Power Derating Curve
Output
Power
(Watts)
0°C
10W
20W
30W
40W
10°C 20°C 30°C 40°C 50°C 60°C 70°C
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
20W
27.5W
55W
30 CFM Forced Air Cooling



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com