Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3502 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC3502
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3502 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC3502 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3502 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3502
ELECTRICAL CHARACTERISTICS
TC =25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10μA ; IE= 0
200
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 1mA ; RBE= ∞
200
V
V(BR)EBO
Emitter-Base Breakdown Vltage
IE= 10μA ; IC= 0
5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 20mA ;IB= 2mA
B
0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 20mA ;IB= 2mA
B
1.0
V
ICBO
Collector Cutoff Current
VCB= 150V; IE= 0
0.1
μA
IEBO
Emitter Cutoff Current
VEB= 4V; IC= 0
0.1
μA
hFE
DC Current Gain
IC= 10m A ; VCE= 10V
40
320
fT
Current-Gain—Bandwidth Product
IC= 10mA; VCE= 30V;
150
MHz
COB
Collector Capacitance
IE= 0; VCB= 30V;ftest = 1MHz
1.7
pF
hFE Classifications
C
D
E
F
40-80
60-120
100-200
160-320
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com