Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS121 Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPS121
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS121 Datasheet(HTML) 3 Page - Emerson Network Power

  LPS121 Datasheet HTML 1Page - Emerson Network Power LPS121 Datasheet HTML 2Page - Emerson Network Power LPS121 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Connector LPS120
SK1
Pin1
Neutral
Pin3
Line
SK2
TB-1
COMMON
TB-2
Main output
SK3
Pin1
+V1 Remote sense
Pin2
-V1 Remote sense
Pin3
+Remote inhibit
Pin4
-Remote inhibit
Pin5
+Power fail
Pin6
Common
Pin7
SWP
Pin8
+12V
Pin9
12V common
Pin10
+5V standby
Mating Connectors
(SK1)AC Input:
Molex 09-50-8031 (connector) 08-52-0113 (pins)
(SK2)DC Output:
Molex series 19141-0058/0063 Spade lug
(SK3) Control Signals:
Molex 90142-0010 (USA)
PINS: 90119-2110 or
Amp: 87977-3
PINS: 87309-8
Astec Connector Kit # 70-841-020, includes all of the above.
Rev. 03.24.08
LPS120 Series
3 of 3
Embedded Power for
Business-Critical Continuity
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load Regulation2
Ripple
P/P
(PARD)3
LPS121
3.3V
0A
21A
36A
29A
±2%
50mV
LPS122
5V
0A
16A
26A
29A
±2%
50mV
LPS123
12V
0A
6.7A
10.8A
12.8A
±2%
120mV
LPS124
15V
0A
5.3A
8.7A
10.0A
±2%
150mV
LPS125
24V
0A
3.4A
5.4A
6.3A
±2%
240mV
LPS128
48V
0A
1.7A
2.7A
3.2A
±2%
480mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at rated
line voltage and load ranges.
4. When in parallel a 10% load is required for each power supply.
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. mounting holes MH1, MH2, MH3 should be grounded for
EMI purpose
4. Mounting MH1 is safety ground connection
5. Specifications are for convection rating at factory settings
at 115 VAC input 25 C deg unless otherwise stated.
6. This power supply requires mounting on metal standoffs
0.20” (5m) in height.
7. Warranty: 2 year
8. Weight: 0.71 lb. / 0.32 kg
Pin Assignments
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 (760) 930 4600
Facsimile: +1 (760) 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower. com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com