Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS155 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS155
Description  Auto ranging input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS155 Datasheet(HTML) 1 Page - Emerson Network Power

  LPS155 Datasheet HTML 1Page - Emerson Network Power LPS155 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 12.01.01
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
112
Special Features
Electrical Specs
150 Watts
LPS150 Series
Input
Input range
85-132 VAC
or 170-264 VAC automatically
selected.
220-300 VDC
Frequency
47-63 Hz
Inrush current
38 A max, cold start @ 25°C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted
CISPR 22 Class B conducted
EN55022 Class B conducted
VDE 0878 PT3 Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
110 W convection (75 W with cover)
150 W with 30 CFM forced air
(130 W with cover)
Adjustment range
±5% minimum
Hold-up time
20 ms @ 110 W load, 115/230 VAC
nominal line
Overload protection
Short circuit protection. Case overload
protected @ 110% to 145% above
peak rating
Overvoltage protection
5 V output: 5.7 to 6.7 VDC. Other
outputs 10% to 25% above nominal
output
Logic Control
Power Failure
TTL Logic signal goes high 50-150
msec after 5 V output. It goes low at
least 3 ms before loss of regulation.
Remote inhibit
Requires an external TTL high signal to
inhibit outputs.
Remote sense
Compensates for 0.5 V lead drop
minimum, will operate without
remote sense connected. Reverse
connection protected.
• Auto ranging input
• Remote sense
• Remote inhibit
•Power fail
• Single wire current sharing
• Built-in EMI filter
• Low output ripple
• Adjustable output
• 135 khz switching frequency
• Overvoltage protection
• Overload protection
• Optional cover (-C suffix).
Operating temperature: 0° to 50°C ambient;
derate each output at 2.5% per degree from 50°
to 70°C
Electromagnetic susceptibility: Designed to
meet IEC 801, -2, -3, -4, -5,-6, Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances
0.75 G peak 5 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ±.04% per °C
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient conditions
VDE
0805/EN60950 (IEC950) 11774-3336-1260 (LC#88585)
UL
UL1950
EI32002
CSA
CSA 22.2-234 Level 3
LR53982
NEMKO EN 60950/EMKO-TUE
P95102999
(74-sec) 203
BABT
EN60950/BS7002
607019
CB
Certificate and report
2062
CE
Mark (LVD)
Environmental
Safety
Total Power:
110-150 Watts
Input Voltage: 85-132 / 170-264 VAC
220-300 VDC
# of Outputs:
Single


Similar Part No. - LPS155

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS155 ASTEC-LPS155 Datasheet
746Kb / 2P
150 Watts
More results

Similar Description - LPS155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM5-0505S ETC1-SIM5-0505S Datasheet
118Kb / 2P
3 Watt Small-Input-Ranging Compact-Serie
logo
HITRON ELECTRONICS CORP...
HIA105 HITRON-HIA105 Datasheet
349Kb / 2P
AUTO-RANGING INPUT AC-DC GAME USE TRIPLE OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIH100 HITRON-HIH100 Datasheet
406Kb / 2P
AUTO-RANGING INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Extech Instruments Corp...
MN36 EXTECH-MN36 Datasheet
95Kb / 2P
Auto-Ranging Mini MultiMeter
logo
RSG Electronic Componen...
HSU160-10 RSG-HSU160-10 Datasheet
198Kb / 2P
AUTO-RANGING AC INPUT
logo
Murata Manufacturing Co...
DMR20-10-DCM MURATA-DMR20-10-DCM Datasheet
274Kb / 4P
2-Wire, Self-Powered, Auto-Ranging DC Voltage Monitor
logo
Total Power Internation...
TPSU160 TOTAL-POWER-TPSU160 Datasheet
287Kb / 2P
AUTO-RANGING AC INPUT
TPSU-160 TOTAL-POWER-TPSU-160 Datasheet
287Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE EUROCARD
logo
B&K Precision Corporati...
2709B BK-2709B Datasheet
1Mb / 2P
Auto Ranging True RMS Tool Kit DMM
logo
List of Unclassifed Man...
MM400 ETC-MM400 Datasheet
63Kb / 1P
Digital Multimeter, Auto-Ranging, 600V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com