Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT24 Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPT24
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT24 Datasheet(HTML) 2 Page - Emerson Network Power

  LPT24 Datasheet HTML 1Page - Emerson Network Power LPT24 Datasheet HTML 2Page - Emerson Network Power LPT24 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 02.05.07
LPT25 Series
2of 3
Embedded Power for
Business-Critical Continuity
Ordering Information
M
Mo
od
de
ell
N
Nu
um
mb
be
err
O
Ou
uttp
pu
utt
V
Vo
olltta
ag
ge
e
M
Miin
niim
mu
um
m
LLo
oa
ad
d
M
Ma
axxiim
mu
um
m LLo
oa
ad
d
w
wiitth
h C
Co
on
nvvn
ne
eccttiio
on
n
cco
oo
olliin
ng
g
M
Ma
axxiim
mu
um
m LLo
oa
ad
d
w
wiitth
h 3
30
0C
CFFM
M
FFo
orrcce
ed
d A
Aiirr
P
Pe
ea
ak
k LLo
oa
ad
d11
R
Re
eg
gu
ulla
attiio
on
n22
R
Riip
pp
plle
e P
P//P
P ((P
PA
AR
RD
D))33
LPT22(-T)
5V
12V
-12V
0.3A
0.1A
0A
3A
1.5A
0.5A
4A
2A
0.7A
5A
3A
1A
±2%
±5%
±5%
50mV
120mV
120mV
LPT23(-T)
5V
12V
-12V
0.4A
0A
0A
4A
0.5A
0.5A
5A
0.7A
0.7A
6A
1A
1A
±2%
±5%
±5%
50mV
120mV
120mV
LPT24(-T)
5V
12V
-5V
0.3A
0.1A
0A
3A
1.5A
0.5A
4A
2A
0.7A
5A
3A
1A
±2%
±5%
±5%
50mV
120mV
50mV
LPT25(-T)
5V
15V
-15V
0.3A
0.1A
0A
3A
1.5A
0.5A
4A
2A
0.7A
5A
2A
1A
±2%
±5%
±5%
50mV
150mV
150mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. Minimum Loads are required.
5. (-T) indicates Terminal Block option for input and output (instead of Molex type).
Operating temperature:
0° to 50°C ambient derate each output at 2.5% per degree
from 50° to 70°C, -20°C start up.
Electromagnetic
susceptibility:
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity:
Operating; non-condensing 5% to 95%
Vibration:
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell
at four major resonances 0.75G peak 5 Hz to 500 Hz,
operational
Storage temperature:
-40° to 85°C
Temperature coefficient:
±.04% per °C
MTBF demonstrated:
>550,000 hours at full load and 25°C ambient conditions
Environmental Specifications
Power Derating Curve
Output
Power
(Watts)
0°C
10W
20W
30W
40W
10°C 20°C 30°C 40°C 50°C 60°C 70°C
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
20W
12.5W
25W
30 CFM Forced Air Cooling



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com