Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT52 Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPT52
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT52 Datasheet(HTML) 3 Page - Emerson Network Power

  LPT52 Datasheet HTML 1Page - Emerson Network Power LPT52 Datasheet HTML 2Page - Emerson Network Power LPT52 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 1.08.09_148
LPT50-M Series
3 of 3
Embedded Power for
Business-Critical Continuity
MechanicalDrawing
4.00
[101.6]
3.73
[94.7]
0.197” (5.0) Minimum
Standoff Height
Max. Screw Head
Diameter .22” (5.6)
1
3
1
6
M1
M2
GND
Mounting hole
Ø4.0(4x)
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com