Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT53 Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPT53
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT53 Datasheet(HTML) 2 Page - Emerson Network Power

  LPT53 Datasheet HTML 1Page - Emerson Network Power LPT53 Datasheet HTML 2Page - Emerson Network Power LPT53 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 1.08.09_148
LPT50-M Series
 of 3
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
Maximum Load with
Convection Cooling
Peak
Load1
Regulation2
Ripple P/P (PARD)3
LPT51-M
+3.3V
+5V
+12V
0.8A
0.1A
0A
8A
3A
0.5A
9A
4A
1A
±2%
±6%
±5%
50mV
50mV
120mV
LPT52-M
+5V
+12V
-12V
0.5A
0.1A
0A
8A
3A
0.5A
9A
4A
1A
±2%
±5%
±5%
50mV
120mV
120mV
LPT53-M
+5V
+15V
-15V
0.5A
0.1A
0A
8A
2.4A
0.5A
9A
3.2A
0.7A
±2%
±5%
±5%
50mV
150mV
150mV
LPT54-M
+5V
+24V
+12V
0.5A
0.1A
0A
8A
1.5A
0.5A
9A
2A
0.7A
±2%
±7%
±5%
50mV
240mV
120mV
1. Peakcurrentlasting<15secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.
PinAssignments
LPT51-M
LPT52-M
LPT53-M
LPT54-M
SK1-1
Line
Line
Line
Line
SK1-3
Neutral
Neutral
Neutral
Neutral
SK2-1
+3.3V
+5V
+5V
+5V
SK2-2
+3.3V
+5V
+5V
+5V
SK2-3
Common Common
Common
Common
SK2-4
Common Common
Common
Common
SK2-5
+12V
-12V
-15V
+12V
SK2-6
5V
+12V
+15V
+24V
MatingConnectors
ACInput:
Molex09-50-8031(USA)
09-91-0300(UK)
PINS:08-52-0113
DCOutputs: Molex09-50-8061(USA)
09-91-0600(UK)
PINS:08-52-0113
EmersonNetworkPowerConnectorKit#70-841-006,includesallofthe
above
Notes:
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis±0.02”(±0.5mm)
3. MountingholesM1andM2shouldbegroundedforEMIpurposes.
4. MountingholeM1issafetygroundconnection.
5. Specificationsareforconvectionratingatfactorysettingsat115VAC
input,25°Cunlessotherwisestated.
6. Warranty:2year
7. Weight:0.45lbs/0.20kg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com