Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA149 Datasheet(PDF) 1 Page - Bedford Opto Technology Ltd.

Part # SSA149
Description  2 TIER 3mm LED ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA149 Datasheet(HTML) 1 Page - Bedford Opto Technology Ltd.

  SSA149 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA149 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.08
2.54
3.68+0.25-0.25
4.45
2.54
2.6
4.32
3.2
2.54
0.5 SQUARE
+
X
Y
3.54
11.16
8.26
BI-COLOUR
RED ANODE LEFT
SSA 149 SERIES
2 TIER
3mm LED ASSEMBLY
The SSA-149 series is a family of
display devices using a Black Nylon 6
UL-94VO rated housing to mount one or
two 3mm LEDs at right angles to a PCB.
The pin out is in line on 0.1”centres .
•
Accurate alignment of LEDs.
•
Unique Baseplate for accurate lead
positioning.
•
Matched LEDs.
•
+ 50 Deg Viewing Angle.
•
Bi-Colour, Polarity and 2mA LEDs
available.
•
Low profile non baseplate version
available.
•
9 way assembly SSA149/9
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ISS C 10.3.06
Pb
This
component
is RoHS
compliant


Similar Part No. - SSA149

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSA1197 ETC-SSA1197 Datasheet
590Kb / 2P
PNP Silicon Transistor
logo
Bedford Opto Technology...
SSA150 BOT-SSA150 Datasheet
33Kb / 2P
3 TIER 3mm LED ASSEMBLY
logo
celduc-relais
SSA15320 CELDUC-SSA15320 Datasheet
99Kb / 4P
Support Interfaces E/S DIN rail adaptor for I/O modules
logo
Bedford Opto Technology...
SSA187 BOT-SSA187 Datasheet
40Kb / 3P
3 TIER 3mm LED ASSEMBLY
SSA190 BOT-SSA190 Datasheet
33Kb / 2P
3mm LED ARRAY 6 WAY 2 HIGH
More results

Similar Description - SSA149

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOT123 BOT-BOT123 Datasheet
37Kb / 2P
3 Way 2 Tier 3mm LED Array
ORD9202 BOT-ORD9202 Datasheet
34Kb / 2P
3mm LED ASSEMBLY IN LINE PINNING
ORD9402 BOT-ORD9402 Datasheet
37Kb / 2P
3mm LED INTERLOCKING ASSEMBLY
ORT33 BOT-ORT33 Datasheet
32Kb / 2P
3 Tier 3mm LED ASSEMBLY
ORT43S BOT-ORT43S Datasheet
33Kb / 2P
3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT2200 BOT-ORT2200 Datasheet
47Kb / 2P
1.8mm LED 2 TIER CIRCUIT BOARD INDICATOR
SSA150 BOT-SSA150 Datasheet
33Kb / 2P
3 TIER 3mm LED ASSEMBLY
SSA187 BOT-SSA187 Datasheet
40Kb / 3P
3 TIER 3mm LED ASSEMBLY
SSA196 BOT-SSA196 Datasheet
33Kb / 2P
3mm LED ASSEMBLY
logo
A-BRIGHT Inc
AA-3A4-4G-KLH340 A-BRIGHT-AA-3A4-4G-KLH340_09 Datasheet
239Kb / 5P
3mm LED Assembly
2009/2/27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com