Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX80 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPX80
Description  LPX80 Cover Enclosure Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPX80 Datasheet(HTML) 1 Page - Emerson Network Power

  LPX80 Datasheet HTML 1Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
rev 8.25.04
LPX80
ENCLOSURE
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384)842-211
Facsimile: 44 (1384) 843-355
Installation Notes
LPX80 • Cover Enclosure Kit
LPX80 will fit all the LPX8X power supplies
MATERIALS
1 Base
1 Cover
4 M3 x 6mm pan head screws with spring washer
4 M3 x 6mm countersunk sdrews
1 M4 nut
1 M4 star washer
1 M4 spring washer
1 Plastic insulator sheet
NOTES
1. All dimensions are in inches (mm)
2. Overall dimensions:
5.9 (150) x 3.9 (98.0) x 1.75 (44.4)
3. Base plate has three sets of customer mountings:
a. Bottom mounting (4x) M3 inserts. Max. screw penetration 0.0787 (2mm)
b. Bottom mounting (2x) 4mm clear holes plus 2 keyways (see keyway detail)
c. Side mountings (4x) M3 inserts. Max. screw penetration 0.236 (6mm)
4. Ensure insulator is correctly fitted in base under PCB to maintain safety creepage and
clearances.
5. Ensure base is firmly connected to supply earth via the earth stud marked
.
6. When using this enclosure, ensure that relevant safety standards (e.g., EN60950) are
complied with, in respect to creepage and clearance distances, and distances through
insulation.
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: +44(0)1384-842211
Facsimile: +44(0)1384-843355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
Ø0.35 [Ø8.8]
Ø0.14 [Ø3.6]
0.25 [6.4]
GROUND STUD
INPUT TERMINALS
OUTPUT TERMINALS
INSULATOR
(4X) STANDOFF
A
A
A
A
INPUT
WIRING
ACCESS
OUTPUT
WIRING ACCESS
(2X) M3 INSERTS
M3 INSERTS
(4X) MARKED "A"
(2X) Ø4mm MTG HOLES
SEE KEYWAY DETAILS
(4X) M3 STANDOFF
FOR MTG POWER SUPPLY
(2X) M3 INSERTS
1.181 30.0
[
]
1.134 28.8
[
]
0.984 25.0
[
]
2.236 56.8
[
]
3.858 98.0
[
]
5.906 150.0
[
]
(2X) 4.331 110.0
[
]
(2X) 0.364 9.3
[
]
(2X) 0.787 20.0
[
]
(2X) 3.543 90.0
[
]
(2X) 4.803 122.0
[
]
(2X) 0.787 20.0
[
]
(2X) 0.591 15.0
[
]
1.748 44.4
[
]
(2X) 0.738 18.8
[
]
(2X) 2.756 70.0
[
]
(2X) 2.55 65
[ ]
(2X) 0.551 14.0
[
]
(2X) 0.657 16.7
[
]
(2X) 0.354
9.0
[
]
(2X) 3.150 80.0
[
]


Similar Part No. - LPX80

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPX80 ASTEC-LPX80 Datasheet
742Kb / 1P
ENCLOSURE
More results

Similar Description - LPX80

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPX150-C ASTEC-LPX150-C Datasheet
120Kb / 1P
Cover Enclosure Kit
LPX-40 ASTEC-LPX-40 Datasheet
148Kb / 1P
Cover Enclosure Kit
logo
CONEC Elektronische Bau...
17-10021 CONEC-17-10021 Datasheet
484Kb / 1P
Receptacle & Cover Assembly Kit
17-101710 CONEC-17-101710 Datasheet
344Kb / 1P
Protective Cover Assembly Kit
logo
Bud Industries, Inc.
BG-32618 BUD-BG-32618 Datasheet
171Kb / 2P
Board-Ganizer Enclosure Kit
logo
Tripp Lite. All Rights ...
SRFILTER TRIPPLITE-SRFILTER Datasheet
478Kb / 2P
SmartRack Enclosure Filter Kit
SRSKIRT TRIPPLITE-SRSKIRT Datasheet
472Kb / 2P
SmartRack Enclosure Skirt Kit
logo
Artesyn Technologies
LPX200 ARTESYN-LPX200 Datasheet
1Mb / 2P
Installation Notes LPX200 ??Cover Enclosure Kit
LPX100 ARTESYN-LPX100 Datasheet
1Mb / 2P
Installation Notes LPX100 ??Cover Enclosure Kit
logo
CUI INC
VSUU-TCK CUI-VSUU-TCK Datasheet
678Kb / 1P
VSUU top cover kit
11/21/2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com