Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8 Datasheet(PDF) 3 Page - Emerson Network Power

Part # MP8
Description  Current share on all outputs with ratings of 10 A or greater
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MP8 Datasheet(HTML) 3 Page - Emerson Network Power

  MP8 Datasheet HTML 1Page - Emerson Network Power MP8 Datasheet HTML 2Page - Emerson Network Power MP8 Datasheet HTML 3Page - Emerson Network Power MP8 Datasheet HTML 4Page - Emerson Network Power MP8 Datasheet HTML 5Page - Emerson Network Power MP8 Datasheet HTML 6Page - Emerson Network Power MP8 Datasheet HTML 7Page - Emerson Network Power MP8 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
138
Common Examples
and Specifications
Voltage
Voltage
Single Output
Dual
Triple
Code
Module Code
Output
1
Output
1
1
1
2
2
3
3
V1
V2
V1
V2
V3
2 V
A
35A
60 A
120 A
—
10 A
—
—
2 A
2.2 V
B
35 A
60 A
120 A
—
10 A
—
—
2 A
3 V
C
35A
60 A
120 A
—
10 A
—
—
2 A
3.3 V
D
35 A
60 A
120 A
—
10 A
—
—
2 A
5 V
E
35A
60 A
120 A
10 A
10 A
—
—
2 A
5.2 V
F
35 A
60 A
115 A
—
10 A
—
—
2 A
5.5 V
G
34 A
58 A
109 A
—
10 A
—
—
2 A
6.0 V
H
23 A
42 A
78 A
—
10 A
—
—
2 A
8.0 V
I
20 A
36 A
68 A
—
—
1 A
1 A
1 A
10 V
J
18 A
32 A
60 A
—
—
1 A
1 A
1 A
11 V
K
17 A
31 A
54.5 A
—
—
1 A
1 A
1 A
12V
L
17A
30 A
50 A
10 A
4 A
1 A
1 A
1 A
14 V
M
14 A
21 A
40.5 A
9 A
4 A
1 A
1 A
1 A
15 V
N
14 A
20 A
39 A
8 A
4 A
1 A
1 A
1 A
18 V
O
11 A
19 A
33.3 A
—
—
—
0.5 A
0.5 A
20 V
P
10.5 A
18 A
30 A
—
—
—
0.5 A
0.5 A
24 V
Q
8.5 A
15 A
23.5 A
4 A
2 A
—
0.5 A
0.5 A
28 V
R
6.7 A
12.8 A
21.4 A
3 A
2 A
—
0.5 A
0.5 A
30 V
S
6.5 A
12 A
20 A
—
—
—
—
—
33 V
T
6.2 A
10.9 A
18.2 A
—
—
—
—
—
36 V
U
5.8 A
10 A
16.6 A
—
—
—
—
—
42 V
V
4.2 A
7.5 A
12.5 A
—
—
—
—
—
48 V
W
4.0 A
7.5 A
12.5 A
—
—
—
—
—
54 V
X
3.7 A
6.0 A
11 A
—
—
—
—
—
60 V
Y
3.5 A
6.0 A
10 A
—
—
—
—
—
Non-std
Z
2.4V-2.7V
35
60
120
—
10
—
—
2
3.6V-4.5V
35
60
120
—
10
—
—
2
6.6V-9.2V
20
36
68
10
4
—
—
1
8.8V-9.0V
18
32
60
10
4
—
—
1
Notes:
1
Takes up one slot.
2
Takes up two slots.
3
Takes up three slots.
Modules
E
2
Single Output Example
Dual Output Example
1
Triple Output Example
3
Outputs
Max output power
Max output current
Volts
Standard voltage increments
Remote sense on outputs
Remote margin/V-Program
Module inhibit (isolated)
Single wire active current share
Over voltage / Over current protection
Minimum load required
Slots occupied in any MP case
S
Siin
ng
glle
e
D
Du
ua
all
T
Trriip
plle
e
11
2
3
210 W
360 W
600 W
144 W
36 W
35 A
60 A
120 A
10 A
2 A
2-60 V
2-60 V
2-60 V
2-28 V
2-28 V
25
25
25
19
18
Yes
Yes
Yes
Yes, both
No
Yes
Yes
Yes
No
No
Yes
Yes
Yes
---
---
Yes
Yes
Yes
Yes, main only
---
Yes
Yes
Yes
Yes
Over current
No
No
No
Yes (10%), main only
No
12
3
1
1
Modules
Module Code
Voltage Code
5 V @ 60A
Module Code
always 4
Voltage Code
Voltage Code
2
12 V @ 10 A
5 V @ 10 A
4
E
L
E
P
L
12 V @ 1 A
20 V @ 0.5 A
5 V @ 2 A
Notes:
1.
Total load not to exceed 144 W.
2.
No module code required.
3.
Total load not to exceed 36 W.
Rev 6.28.05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com