Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS110MEDICAL Datasheet(PDF) 1 Page - Emerson Network Power

Part # NFS110MEDICAL
Description  NFS110 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110MEDICAL Datasheet(HTML) 1 Page - Emerson Network Power

  NFS110MEDICAL Datasheet HTML 1Page - Emerson Network Power NFS110MEDICAL Datasheet HTML 2Page - Emerson Network Power NFS110MEDICAL Datasheet HTML 3Page - Emerson Network Power NFS110MEDICAL Datasheet HTML 4Page - Emerson Network Power NFS110MEDICAL Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Embedded Power for
Business-Critical Continuity
NFS110 Medical
Series
Single and
quad output
Special Features
• 7.0 x 4.25 x 1.8 inch package
• Medical, dental and
laboratory applications
• Overvoltage and short circuit
protection
• 110 W with 20 CFM
• UL, VDE and CSA safety
approvals
• EN60601-1 and UL2601
medical approvals
• Available RoHS compliant
• 2 year warranty
Total Power:
80 - 110 W
Input Voltage: 90 - 253 Vac
127 - 357 Vdc
# of Outputs:
Single, quad
Safety
VDE0805/EN60601-1/
IEC601/IEC1010
File No. 10401-3336-1049
Licence No. 2874
UL2601 File No. E147937
CSA C22.2 No. 125
File No. LR41062C
Rev. 06.10.08
NFS110 Series
1 of 5
Electrical Specifications
Output
Voltage adjustability
+5.1 V o/p on multi’s
±3.0%
5.1 V single output
±3.0%
12 V single output
12-14 V
15 V single output
15-18 V
24 V single output
24-30 V
Line regulation
LL to HL, FL
±0.1% max.
All outputs on all units
Overshoot/undershoot
At turn-on no lead
0%
Temperature coefficient
All outputs
±0.02%/°C
Overvoltage protection
Multi o/p 5.1 V only
6.25 V ±0.75 V
5.1 V single
6.25 V ±0.75 V
12 V single
15.75 V ±1.0 V
15 V single
22 V ±1.5 V
24 V single
33 V ±2.5 V
Output power limit
Primary power
Pin max. 160 W
limited
Pout min. 110 W
Short circuit protection
Burst mode operation
Input
Input voltage range
90-253 Vac
127-357 Vdc
Input frequency range
47-440 Hz
Input surge current
110 Vac. 50 Hz
17 A
230 Vac. 50 Hz
35 A
Safety ground leakage current 132 Vac
50 μA
264 Vac
100 μA
All specifications are typical at nominal input, full load at
25
°C unless otherwise stated


Similar Part No. - NFS110MEDICAL

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS110 ARTESYN-NFS110 Datasheet
62Kb / 3P
80-110W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
110 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
513Kb / 5P
Single & Quad output
logo
Artesyn Technologies
NFS110-7601P ARTESYN-NFS110-7601P Datasheet
62Kb / 3P
80-110W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS110-7601PJ EMERSON-NETWORKPOWER-NFS110-7601PJ Datasheet
242Kb / 4P
110 W universal input ac-dc power supply
More results

Similar Description - NFS110MEDICAL

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com