Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC16245ADGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC16245ADGG
Description  16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16245ADGG Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC16245ADGG Datasheet HTML 1Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
2 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Temperature range
Package
Name
Description
Version
74LVC16245ADL
−40 °C to +125 °C
SSOP48
plastic shrink small outline package; 48 leads;
body width 7.5 mm
SOT370-1
74LVCH16245ADL
74LVC16245ADGG
−40 °C to +125 °C
TSSOP48
plastic thin shrink small outline package;
48 leads; body width 6.1 mm
SOT362-1
74LVCH16245ADGG
74LVC16245AEV
−40 °C to +125 °C
VFBGA56
plastic very thin fine-pitch ball grid array package;
56 balls; body 4.5
× 7 × 0.65 mm
SOT702-1
74LVCH16245AEV
74LVC16245ABQ
−40 °C to +125 °C
HUQFN60U plastic thermal enhanced ultra thin quad flat
package; no leads; 60 terminals; UTLP based;
body 4 x 6 x 0.55 mm
SOT1025-1
74LVCH16245ABQ
Fig 1.
Logic symbol
1DIR
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
1OE
2DIR
2OE
001aaa789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com