Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP150L Datasheet(PDF) 2 Page - Emerson Network Power

Part # NLP150L
Description  110-150 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP150L Datasheet(HTML) 2 Page - Emerson Network Power

  NLP150L Datasheet HTML 1Page - Emerson Network Power NLP150L Datasheet HTML 2Page - Emerson Network Power NLP150L Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Free air convection.
Multiple output units: maximum continuous output power not to exceed
110 W and the output current not to exceed: IA+IB+2(IC)≤23 A.
2
300 LFM forced air cooling from the longer side.
Multiple output units: maximum continuous output power not to exceed
150 W and the output current not to exceed: IA+IB+2(IC)≤32 A.
3
Peak power at 115% lasting less than 30 seconds with duty cycle less than
5%. During peak loading, output voltage may exceed total regulation limits.
4
Figure is peak-to-peak for room temperature rating. Output noise
measurements are made across a 20 MHz bandwidth using a 6 inch
twisted pair, terminated with a 10 µF electrolytic capacitor and a 0.1 µF
ceramic capacitor.
5
Minimum load required for correct start-up and operation on single outputs
and on main output of multiple versions. Failure to observe minimum load
on main output will not allow the supply to start-up correctly. Some
electronic test loads have a large delay time before they start drawing
current even though the voltage from the supply is present. During this time
delay, there is no load on the output and as a result, the supply may not be
able to start-up properly and maintain its correct output voltage. In these
instances, a dummy resistive load across the output may be necessary to
load the output of the supply until the test load can function correctly and
draw the intended minimum load. Minimum load required on auxiliary
outputs to maintain regulation.
6
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G
rms 5 Hz to 500 Hz.
7
For optimum reliability no part of the heatsink should exceed 110 °C and
no semi-conductor case temperature should exceed 115 °C.
8
CAUTION: Allow a minimum of 1 second after disconnecting line power
when making thermal measurements.
9
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
10 Conducted EMI specifications reference measurements made with the
power supply mounted on a grounded metal sheet extending 1 inch
beyond each edge, using an unshielded cable. No external filtering required
during conducted emissions testing but some applications may require
additional filtering to achieve system compliance. Compliance with
Radiated EMI specifications may require mounting in a suitable enclosure.
11 All models require a minimum mounting stand-off of 6.35 mm (0.25 inches)
in the end use product.
12 Operational range 90 Vac to 264 Vac.
13 For 3.3 V ouput (single), typical efficiency is 69%.
14 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
15 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
NLP150L Series
Single and triple outputs
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
110-150 W AC/DC Universal Input Switch Mode Power Supplies
2
File Name: nlp150lst.pdf Rev (03): 08 Nov 2005
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-0162
Licence No. 123897
UL1950 File No. E136005
DERATING CURVE
Output Power (Watts)
0
°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C
55W
110W
150W
300 LFM FORCED
AIR COOLING
75W
NATURAL
CONVECTION
COOLING
OUTPUT
OUTPUT CURRENT
RIPPLE (4)
TOTAL
MODEL
VOLTAGE
MIN (5)
MAX (1)
300 LFM (2)
REGULATION
NUMBERS (14,15)
3.3 V (VA)1 A
22 A
30 A
50 mV
±2.0%
NLP150L-96S3J
5.1 V (VA)1 A
22 A
30 A
50 mV
±2.0%
NLP150L-96S5J
+12 V (VA)
0.3 A
9.2 A
12.5 A
120 mV
±2.0%
NLP150L-96S6J
24 V (VA)
0.15 A
4.6 A
6.5 A
240 mV
±2.0%
NLP150L-96S8J
48 V (VA)
0.1 A
2.3 A
3.2 A
480 mV
±2.0%
NLP150L-96S9J
+5.1 V (VA)
1.5 A
20 A
30 A
50 mV
±2.0%
NLP150L-96T536J
+3.3 V (VB)
0.5 A
10 A
15 A
50 mV
±2.0%
+12 V (VC)0 A2 A3 A
120 mV
±5.0%
+12 V (VA)
0.6 A
9.2 A
12.5 A
120 mV
±2.0%
NLP150L-96T658J
+5.1 V (VB)
0.5 A
6 A
8 A
50 mV
±2.0%
+24 V (VC)0 A2 A3 A
240 mV
±5.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com