Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP110-9617J Datasheet(PDF) 2 Page - Emerson Network Power

Part # NLP110-9617J
Description  Provides low voltage outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP110-9617J Datasheet(HTML) 2 Page - Emerson Network Power

  NLP110-9617J Datasheet HTML 1Page - Emerson Network Power NLP110-9617J Datasheet HTML 2Page - Emerson Network Power NLP110-9617J Datasheet HTML 3Page - Emerson Network Power NLP110-9617J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 02.10.09_152
NLP110 Series
2 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
EnvironmentalSpecifications
EMCCharacteristics
Conductedemissions:
EN55022,FCCpart15
LevelB
Radiatedemissions:
EN55022,FCCpart15
LevelA
Harmoniccurrentemissioncorrection: EN61000-3-2
Compliant
ESDair:
EN61000-4-2
Level3
ESDcontact:
EN61000-4-2
Level3
Surge:
EN61000-4-5
Level3
Fasttransients:
EN61000-4-4
Level3
Radiatedimmunity:
EN61000-4-3
Level3
Conductedimmunity:
EN61000-4-6
Level3
GeneralSpecifications
Hold-uptime:
120Vac,60Hz
16.7ms@110W
Efficiency:
120Vac.80W(-9905J)
75%min.
Isolationvoltage:
Input/output
Input/chassis
3000Vac
1500Vac
Approvalsandstandardspending:
EN60950,VDE0805,IEC950,UL1950,CSAC22.2No.950
Weight:
283g(10oz)
MTBFdemonstrated:
MIL-HDBK-217F
220,000hoursmin.
Thermalperformance:
Operating,ambient
(seederatingcurve)
0°Cto+50°C
Non-operating
-40°Cto+85°C
50°Cto70°Cambientconvectioncooled
Derateto50%load
0°Cto+50°C,ambientconvectioncooled 80W
0°Cto+50°C,ambient,150LFMforcedair 110W
Peak(0°Cto+50°C,60s)
(SeeNote3)
Relativehumidity:
Non-condensing
5%to95%RH
Altitude:
Operating
10,000feetmax.
Non-operating
30,000feetmax.
Vibration(SeeNote5):
5-500Hz
2.4Grmspeak
Shock
perMIL-STD-810E
516.4PartIV
DERATING CURVE
Output Power (Watts)
0C
10C 20C 30C 40C 50C 60C 70C
40W
80W
110W
150 LFM FORCED
AIR COOLING
55W
NATURAL
CONVECTION
COOLING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com