Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS505 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NTS505
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NTS505 Datasheet(HTML) 2 Page - Emerson Network Power

  NTS505 Datasheet HTML 1Page - Emerson Network Power NTS505 Datasheet HTML 2Page - Emerson Network Power NTS505 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pin Assignments
Rev. 05.27.08
NTS500 Series
2 of 3
Logic Control
Power failure:
TTL logic signal goes high 100-500 msec after main output.
It goes low at least 4 msec before loss of regulation
Remote on/off:
Requires an external contact closure to inhibit outputs
DC OK:
TTL logic goes high after the output is in regulation. It goes
low when there is loss of regulation.
Remote sense:
Compensates for 0.5 V lead drop min. Will operate without
remote sense connected. Reverse connection protected.
Operating temperature:
0° to 50 °C ambient derate each output as 2.5% per degree
from 50° to 70 °C.
Storage temperature:
-40°C to +85°C
Electromagnetic
susceptibility:
Designed to meet EN61000-4;
-2, -3, -4, -5, -6, -8, -11 Level 3
Humidity:
Operating; non-condensing 10% to 90% RH
Vibration:
Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances
2 G peak 8 Hz to 500 Hz, operational
MTBF demonstrated:
1M hours at full load and 25 °C ambient conditions
Environmental Specifications
Embedded Power for
Business-Critical Continuity
Connector
CN1
PIN 1
Line
PIN 3
Neutral
PIN 5
Ground
SK7
PIN 1
V1 swp
PIN 2
- Remote Sense
PIN 3
+ Remote Sense
PIN 4
5 VSB (standby)
PIN 5
5 VSB return
PIN 6
+12 V
PIN 7
Common
PIN 8
Inhibit
PIN 9
DC power good (DC OK)
PIN 10 Power Fail (POK)
CN403
PIN 1
Ground
PIN 2
A2_out
PIN 3
A1_out
PIN 4
A0_out
PIN 6
I2C_sda_out
PIN 7
5 V_I2C
PIN 8
n/c
PIN 9
n/c
PIN 10 n/c
Adjustment Potentiometers
P1
+V1 Output adjust
P3
+5 VSB adjust
Mating Connectors
SK4,5,6
Molex 19141-0058
SK7 Control Molex 90142-0010
signals
PINS: 90119-2110
or
Amp: 87977-3
PINS: 87309-8
SK8
Molex 22-01-2025
Pins: 08-52-0123
CN403
JST PHDR-10VS
Pins: JST 5PHD-002T-PO.5-L/P or
Landwin 2050 S1000
Pins: 2053T011P
Astec Connector Kit #70-841-024 includes all
of the above
Notes:
1. Specifications subject to change without
notice.
2. All dimensions in inches (mm), tolerance
is ±.02".
3. Specifications are at factory settings
4. Mounting maximum insertion depth is
0.12".
5. Warranty: 2 year
6. Weight: 3.016 lb. / 1.18 kg.
1
5
610
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load1 Regulation2
Ripple
P/P (PARD)3
NTS503
12 V
0 A
16.6 A
41.7 A
47 A
±2%
120 mV
NTS505
24 V
0 A
8.3 A
20.8 A
23.4 A
±2%
240 mV
NTS508
48 V
0 A
4.2 A
10.4 A
11.7 A
±2%
480 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at
rated line voltage and load ranges.
4. 5 V standby and 12 V fan output cannot be used above 50 °C with convection cooling.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com