Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1349CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1349CSW
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1349CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1349CSW Datasheet HTML 1Page - Linear Technology LTC1349CSW Datasheet HTML 2Page - Linear Technology LTC1349CSW Datasheet HTML 3Page - Linear Technology LTC1349CSW Datasheet HTML 4Page - Linear Technology LTC1349CSW Datasheet HTML 5Page - Linear Technology LTC1349CSW Datasheet HTML 6Page - Linear Technology LTC1349CSW Datasheet HTML 7Page - Linear Technology LTC1349CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1349
1349fa
5V Low Power RS232
3-Driver/5-Receiver Transceiver
with 2 Receivers Active
in Shutdown
Quiescent and Shutdown Supply Current
vs Temperature
■
Low Supply Current: 300µA
■
Two Receivers Kept Alive in Shutdown
■
ESD Protection Over ±10kV
■
Operates from a Single 5V Supply
■
Uses Small Capacitors: 0.1µF
■
Operates to 120k Baud
■
Three-State Outputs Are High Impedance When Off
■
Output Overvoltage Does Not Force Current
Back into Supplies
■
RS232 I/O Lines Can Be Forced to ±25V
Without Damage
■
Pin Compatible with LT1137A and LT1237
■
Flowthrough Architecture
The LTC
®1349 is a 3-driver/5-receiver RS232 transceiver
with very low supply current. In the no load condition, the
supply current is only 300µA. The charge pump only
requires four 0.1µF capacitors.
In Shutdown mode, two receivers are kept alive and the
supply current is 35µA. All RS232 outputs assume a high
impedance state in Shutdown and with the power off.
The LTC1349 is fully compliant with all data rate and
overvoltage RS232 specifications. The transceiver can
operate up to 120k baud with a 2500pF, 3kΩ load. Both
driver outputs and receiver inputs can be forced to ±25V
without damage, and can survive multiple ±10kV ESD
strikes.
■
Notebook Computers
■
Palmtop Computers
TEMPERATURE (°C)
1200
1000
800
600
400
200
0
20
40
60
LTC1349 • TA02
80
0
–40
60
50
40
30
20
10
0
QUIESCENT
CURRENT
SHUTDOWN
CURRENT
TEST CONDITION:
VCC = 5V, ALL DRIVER INPUTS TIED TO VCC.
–20
100
3-Drivers/5-Receivers with Shutdown
LTC1349 • TA01
VCC
C1
0.1µF
LTC1349
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN
ON/OFF
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C3
0.1µF
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT
GND
NC
NC
V–
V+
C2
0.1µF
C4
0.1µF
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1349CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1349CS LINER-LTC1349CS Datasheet
221Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
More results

Similar Description - LTC1349CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349_15 Datasheet
125Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com