Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1383 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1383
Description  5V Low Power RS232 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1383 Datasheet(HTML) 2 Page - Linear Technology

  LTC1383_1 Datasheet HTML 1Page - Linear Technology LTC1383_1 Datasheet HTML 2Page - Linear Technology LTC1383_1 Datasheet HTML 3Page - Linear Technology LTC1383_1 Datasheet HTML 4Page - Linear Technology LTC1383_1 Datasheet HTML 5Page - Linear Technology LTC1383_1 Datasheet HTML 6Page - Linear Technology LTC1383_1 Datasheet HTML 7Page - Linear Technology LTC1383_1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1383
1383fa
Supply Voltage (VCC) ................................................ 6V
Input Voltage
Driver ....................................... – 0.3V to VCC + 0.3V
Receiver ............................................... – 25V to 25V
Digital Input ............................... – 0.3V to VCC + 0.3V
Output Voltage
Driver .................................................... – 25V to 25V
Receiver .................................... – 0.3V to VCC + 0.3V
Short-Circuit Duration
V+ ................................................................... 30 sec
V– ................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
LTC1383C ............................................... 0°C to 70°C
LTC1383I ............................................ – 40°C to 85°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 70°C/W (N)
TJMAX = 125°C, θJA = 90°C/W (S)
LTC1383CN
LTC1383CS
LTC1383IN
LTC1383IS
Consult LTC Marketing for parts specified with wider operating
temperature ranges.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Any Driver
Output Voltage Swing
3k to GND
Positive
●
5.0
7.0
V
Negative
●
– 5.0
– 6.5
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
●
1.4
0.8
V
Input High Level (VOUT = Low)
●
2.0
1.4
V
Logic Input Current
VIN = VCC
●
5
µA
VIN = 0V
●
–20
– 40
µA
Output Short-Circuit Current
VOUT = 0V
±9
±12
mA
Any Receiver
Input Voltage Thresholds
Input Low Threshold
●
0.8
1.3
V
Input High Threshold
●
1.7
2.4
V
Hysteresis
●
0.1
0.4
1
V
Input Resistance
– 10V ≤ VIN ≤ 10V
3
5
7
kΩ
Output Voltage
Output Low, IOUT = – 1.6mA (VCC = 5V)
●
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
●
3.0
3.2
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–15
– 40
mA
Sourcing Current VOUT = 0V
10
20
mA
Power Supply Generator
V+ Output Voltage
IOUT = 0mA
8.0
V
IOUT = 8mA
7.5
V
V– Output Voltage
IOUT = 0mA
– 8.0
V
IOUT = – 8mA
– 7.0
V
1
2
3
4
5
6
7
8
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
C1+
V+
C1–
C2+
C2–
V–
TR2 OUT
RX2 IN
VCC
GND
TR1 OUT
RX1 IN
RX1 OUT
TR1 IN
TR2 IN
RX2 OUT
N PACKAGE
16-LEAD PDIP
The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless noted.
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com