Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1382IN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1382IN
Description  5V Low Power RS232 Transceiver with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1382IN Datasheet(HTML) 2 Page - Linear Technology

  LTC1382IN Datasheet HTML 1Page - Linear Technology LTC1382IN Datasheet HTML 2Page - Linear Technology LTC1382IN Datasheet HTML 3Page - Linear Technology LTC1382IN Datasheet HTML 4Page - Linear Technology LTC1382IN Datasheet HTML 5Page - Linear Technology LTC1382IN Datasheet HTML 6Page - Linear Technology LTC1382IN Datasheet HTML 7Page - Linear Technology LTC1382IN Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1382
1382fa
Supply Voltage (VCC) ................................................ 6V
Input Voltage
Driver ....................................... – 0.3V to VCC + 0.3V
Receiver ............................................... – 25V to 25V
Digital Input ............................... – 0.3V to VCC + 0.3V
Output Voltage
Driver .................................................... – 25V to 25V
Receiver .................................... – 0.3V to VCC + 0.3V
Short-Circuit Duration
V+ ................................................................... 30 sec
V– ................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
LTC1382C ............................................... 0°C to 70°C
LTC1382I ............................................ – 40°C to 85°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
ORDER PART
NUMBER
LTC1382CN
LTC1382CSW
LTC1382IN
LTC1382ISW
TJMAX = 125°C, θJA = 65°C/W (N)
TJMAX = 125°C, θJA = 85°C/W (S)
1
2
3
4
5
6
7
8
9
TOP VIEW
SW PACKAGE
18-LEAD PLASTIC SO
18
17
16
15
14
13
12
11
10
NC
C1+
V+
C1–
C2+
C2–
V–
TR2 OUT
RX2 IN
ON/OFF
VCC
GND
TR1 OUT
RX1 IN
RX1 OUT
TR1 IN
TR2 IN
RX2 OUT
N PACKAGE
18-LEAD PDIP
Consult LTC Marketing for parts specified with wider operating temperature
ranges.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Any Driver
Output Voltage Swing
3k to GND
Positive
●
5.0
7.0
V
Negative
●
– 5.0
– 6.5
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
●
1.4
0.8
V
Input High Level (VOUT = Low)
●
2.0
1.4
V
Logic Input Current
VIN = VCC
●
5
µA
VIN = 0V
●
–20
– 40
µA
Output Short-Circuit Current
VOUT = 0V
±9
±12
mA
Output Leakage Current
Shutdown or VCC = 0V (Note 3), VOUT = ±10V
●
±10
±500
µA
Any Receiver
Input Voltage Thresholds
Input Low Threshold
●
0.8
1.3
V
Input High Threshold
●
1.7
2.4
V
Hysteresis
●
0.1
0.4
1
V
Input Resistance
– 10V ≤ VIN ≤ 10V
3
5
7
kΩ
Output Voltage
Output Low, IOUT = – 1.6mA (VCC = 5V)
●
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
●
3.0
3.2
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–15
– 40
mA
Sourcing Current VOUT = 0V
10
20
mA
Output Leakage Current
Shutdown (Note 3), 0V ≤ VOUT ≤ VCC
●
110
µA
The ● denotes specifications which apply over the full operating
temperature range. VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, VON/OFF = VCC, unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com