Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMB310 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMB310
Description  SMD LED in P-LCC-2 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMB310 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMB310 Datasheet HTML 1Page - Vishay Siliconix TLMB310 Datasheet HTML 2Page - Vishay Siliconix TLMB310 Datasheet HTML 3Page - Vishay Siliconix TLMB310 Datasheet HTML 4Page - Vishay Siliconix TLMB310 Datasheet HTML 5Page - Vishay Siliconix TLMB310 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLMB310.
Vishay Telefunken
4 (6)
Rev. A2, 13-Jul-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83034
0
20
40
60
80
100
120
350
400
450
500
550
600
l – Wavelength ( nm )
15849
IF = 10 mA
Figure 7 Relative Luminous Intensity vs. Wavelength
Dimensions in mm
95 11315



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com