Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1729 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1729
Description  Li-Ion Battery Charger Termination Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729 Datasheet(HTML) 2 Page - Linear Technology

  LTC1729_1 Datasheet HTML 1Page - Linear Technology LTC1729_1 Datasheet HTML 2Page - Linear Technology LTC1729_1 Datasheet HTML 3Page - Linear Technology LTC1729_1 Datasheet HTML 4Page - Linear Technology LTC1729_1 Datasheet HTML 5Page - Linear Technology LTC1729_1 Datasheet HTML 6Page - Linear Technology LTC1729_1 Datasheet HTML 7Page - Linear Technology LTC1729_1 Datasheet HTML 8Page - Linear Technology LTC1729_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1729 Series
LTC1729CMS8-4.1
LTC1729CMS8-4.2
LTC1729CMS8-8.2
LTC1729CMS8-8.4
TJMAX = 150°C, θJA = 150°C/ W
ORDER PART
NUMBER
VCC ......................................................................... 30V
SENSE, VBAT, NTC .................................... – 0.3V to 15V
VC ............................................................. – 0.3V to 15V
OVP ............................................................ – 0.3V to 5V
(Note 1)
Consult factory for Industrial and Military grade parts.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C, VIN = 8V
1
2
3
4
OVP
BAT
SENSE
GND
8
7
6
5
VCC
VC
STATUS
NTC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/ W
MS8 PART MARKING
LTLY
LTJH
LTLZ
LTJG
TOP VIEW
OVP
BAT
SENSE
GND
VCC
VC
STATUS
NTC
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
LTC1729CS8-4.1
LTC1729CS8-4.2
LTC1729CS8-8.2
LTC1729CS8-8.4
ORDER PART
NUMBER
S8 PART MARKING
STATUS .................................................... – 0.3V to 30V
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LTC1729-4.1/LTC1729-4.2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
ICC
VCC Supply Current
VIN = 5V (Below UVLO)
q
15
12
µA
VIN = 8V, VBAT > 4.5V, No Bat
q
1.0
1.4
2.0
mA
VIN = 8V, VBAT = 2.5V Trickle
10
17
21
mA
VIN = 8V, VBAT = 3.5V Charge
q
0.5
3.0
5.0
mA
VLKOH
VIN Undervoltage Lockout High
q
5.5
6.5
7.5
V
VLKOL
VIN Undervoltage Lockout Low
q
5.0
6.0
7.0
V
IVBAT
VBAT Current
VIN = 5V (Below UVLO), VBAT = 4.2V
q
–1
– 0.1
1
µA
VIN = 8V, VBAT = 4.25V No Bat
q
40
73
120
µA
VIN = 8V, VBAT = 2.5V Trickle
– 19
– 12
– 9.5
mA
VIN = 8V, VBAT = 3.5V Charge
q
– 2.7
– 1.3
– 0.5
mA
VCLAMP
VBAT Clamp
No Bat (External 200
µA Pull-Up on VBAT)
q
4.25
4.5
4.75
V
VMAX
High VBAT Threshold
High Going Threshold
q
4.25
4.51
4.75
V
Low Going Threshold
q
4.25
4.50
4.75
V
VMIN
Low VBAT Threshold
High Going Threshold
q
2.55
2.7
2.85
V
Low Going Threshold
q
2.45
2.6
2.75
V
ISENSE
SENSE Pin Current
Charge State, VSENSE = 3V
q
85
100
115
µA
VC10
SENSE Pin C/10 Offset
Charge State, VC10 = (VBAT – VSENSE)
q
±1
±2.5
mV
172941
172942
172982
172984
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com